Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 152 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 152 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 148Page - Microchip Technology MEC1632 Datasheet HTML 149Page - Microchip Technology MEC1632 Datasheet HTML 150Page - Microchip Technology MEC1632 Datasheet HTML 151Page - Microchip Technology MEC1632 Datasheet HTML 152Page - Microchip Technology MEC1632 Datasheet HTML 153Page - Microchip Technology MEC1632 Datasheet HTML 154Page - Microchip Technology MEC1632 Datasheet HTML 155Page - Microchip Technology MEC1632 Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 636 page
background image
MEC1632
DS00001592B-page 152
 2012-2018 Microchip Technology Inc.
8.3
Interrupts
Each instance of the Embedded Memory Interface can generate an interrupt event for the HOST-to-EC events. See
HOST-to-EC Mailbox Register on page 158. The interrupt source for the EMI is routed onto the EM_MBX bit in the
GIRQ15 Source Register and is edge-sensitive, active high.
When the EM_MBX interrupt status bit is cleared while there is data in the HOST-to-EC Mailbox Register, the interrupt
remains not asserted until the host writes another byte. If the host writes a second byte to the HOST-to-EC Mailbox
Register before the EC processes the EM_MBX interrupt resulting from the first byte, the data from the first byte will be
overwritten by the second before the EC has a chance to process the first. This can be avoided with a proper hand-
shaking protocol between the host and EC (for example, the EC should process a data in the HOST-to-EC Mailbox Reg-
ister before signaling the host that the data register is free).
8.3.1
EMBEDDED MEMORY INTERFACE SIRQ ROUTING
The Embedded Memory Interface can generate a SIRQ event for the EC-to-HOST EC events. See HOST-to-EC Mailbox
Register on page 158 and Interrupt Source Register on page 162. This interrupt is routed to the SIRQ block (see SER-
IRQ Configuration Registers on page 72). For this interrupt, the SELECT on page 72 is cleared to ‘0’ in the Interrupt
Configuration Register for the selected SIRQ frame.
The Embedded Memory Interface can also generate an event on an external pin, nEM_INT. The pin can be routed to
SMI or PME inputs, as required. The EC can cause the event to be generated by either writing the EC-to-Host Mailbox
Register or by setting any of the enabled EC_SWI[14:0] bits in the Interrupt Source Register to 1. The event can be
routed to any frame in the SIRQ stream or to the external pin. To enable routing to the SIRQ stream, the bit SELECT on
page 72 is set to ‘1’ in the Interrupt Configuration Register for the selected SIRQ frame. The event can be routed to the
pin by selecting the nEM_INT signal function in the associated Pin Control Register on page 396.
The event produces a standard active low on the serial IRQ stream and active low on the open drain nEM_INT pin. See
FIGURE 8-2: Embedded Memory Interface SIRQ and nEM_INT routing on page 153.
See Section 5.7.1, "SERIRQ Configuration Registers," on page 72.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com