Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 156 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 156 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 152Page - Microchip Technology MEC1632 Datasheet HTML 153Page - Microchip Technology MEC1632 Datasheet HTML 154Page - Microchip Technology MEC1632 Datasheet HTML 155Page - Microchip Technology MEC1632 Datasheet HTML 156Page - Microchip Technology MEC1632 Datasheet HTML 157Page - Microchip Technology MEC1632 Datasheet HTML 158Page - Microchip Technology MEC1632 Datasheet HTML 159Page - Microchip Technology MEC1632 Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 636 page
background image
MEC1632
DS00001592B-page 156
 2012-2018 Microchip Technology Inc.
Because there are two Embedded Memory Interface memory regions, the Embedded Memory Interface cannot be used
for more than two of these functions at a time. The Host can request that the EC switch from one function to another
through the use of the Host-to-EC mailbox register.
The Application ID Register is provided to help software applications track ownership of an Embedded Memory Inter-
face. An application can write the Application ID Register with its Application ID, then immediately read it back. If the
read value is not the same as the value written, then another application has ownership of the interface.
8.5
Registers
The Embedded Memory Interface has its own Logical Device Number, and Base Address as indicated in Table 8-1. The
Host LPC I/O addresses for the Embedded Memory Interface are selected via a Base Address Register (see Section
5.6.2, "Base Address Registers," on page 66). LPC access to configuration registers is through Host Access Configu-
ration Port (see Section 5.5.1, "Host Access Port," on page 65.)
Table 8-2 is a register summary for the Embedded Memory Interface block.
The Table 8-2 is a register summary for one instance of the Embedded Memory Interface. The LPC I/O address for each
Run-Time Register is described below as an offset from its Base Address Register. Each EC address is indicated as an
SPB Offset from its AHB base address. Each Configuration register is accessed through the Host Access Port is via its
LDN indicated in Table 8-1 on page 156 and its Host Access Port index which is described as “Host Config Index” in the
tables below.
Note:
• The protocol used to pass commands back and forth through the Embedded Memory Interface Registers Inter-
face is left to the System designer. Microchip can provide an application example of working code in which the
host uses the Embedded Memory Interface registers to gain access to all of the EC registers.
• The EC must be awake (i.e., the EC must not be in sleep mode with its clocks gated) in order for the EMI to read
or write data in the DCCM/ICCM. System software can insure that the EC is awake when the Host is accessing
the EMI with an appropriate protocol using the Host-to-EC mailbox register. Before accessing the memory, the
Host sends a “Do Not Sleep” command to the EC through the mailbox register. Writing the register generates an
EC interrupt, which wakes the EC. The “Do Not Sleep” command sets a state bit that the EC can check before it
issues the Sleep command. When the Host has completed accessing the memory, the Host sends a “Sleep Per-
mitted” command to the EC.
TABLE 8-1:
Embedded Memory Interface BASE ADDRESS TABLE
Embedded Memory
Interface Instance
LDN from
(
Table 4-2 on
page 59)
AHB Base Address
EM Interface
10h
FF_4000h
Note:
The Host LPC I/O addresses for this instance is selected via a Base Address Register (see Section 5.6.2,
"Base Address Registers," on page 66). LPC access to configuration registers is through the Host Access
Configuration Port (see Section 5.5.1, "Host Access Port," on page 65.)
TABLE 8-2:
Embedded Memory Interface REGISTER SUMMARY
Host I/O Access
EC Interface
Register Name
Host I/O
Offset
SPB
Offset
Host
Type
SPB
Offset
Byte
Lane
EC
Type
Notes
HOST-to-EC Mailbox
Register
00h
00h
R/W
00h
0
R/W
Note 8-1
EC-to-Host Mailbox
Register
01h
01h
R/WC
01h
1
R/WC
Note 8-2
EC Address Register
02h
03h
02h
03h
R/W
02h
2-3
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com