Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 154 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 154 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 150Page - Microchip Technology MEC1632 Datasheet HTML 151Page - Microchip Technology MEC1632 Datasheet HTML 152Page - Microchip Technology MEC1632 Datasheet HTML 153Page - Microchip Technology MEC1632 Datasheet HTML 154Page - Microchip Technology MEC1632 Datasheet HTML 155Page - Microchip Technology MEC1632 Datasheet HTML 156Page - Microchip Technology MEC1632 Datasheet HTML 157Page - Microchip Technology MEC1632 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 636 page
background image
MEC1632
DS00001592B-page 154
 2012-2018 Microchip Technology Inc.
APPLICATION NOTE:
the RAM_Select bit in the AHB SRAM Configuration Register must be asserted (‘1’) to
properly configure the DCCM for use by the Embedded Memory Interface.
8.4.1
EMBEDDED MEMORY MAP
Each Embedded Memory interface provides direct access for the Host into two windows in the EC DCCM SRAM. This
mapping is shown in Figure 8-3, "Embedded Memory Addressing":
The Base addresses, the Read limits and the Write limits are defined by registers that are in the EC address space and
cannot be accessed by the Host. In each region, the Read limit need not be greater than the Write limit. The regions
can be contiguous or overlapping.For example, if the Region 0 Read limit is set to 0 and the Write limit is set to a positive
number, then the Embedded Memory interface defines a region in the EC memory that the EC can read and write but
is write-only for the host. This might be useful for storage of security data, which the Host might wish to send to the EC
but should not be readable in the event a virus invades the Host.
FIGURE 8-3:
EMBEDDED MEMORY ADDRESSING
DCCM
80_0000h
80_xxxxh
Region_0_Base_Address
Region_0_Write_Limit
Region_0_Read_Limit
Host Read/Write
Host Read Only
No Host Access
No Host Access
Region_1_Base_Address
Region_1_Write_Limit
Region_1_Read_Limit
Host Read/Write
Host Read Only
No Host Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com