Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 157 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 157 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 153Page - Microchip Technology MEC1632 Datasheet HTML 154Page - Microchip Technology MEC1632 Datasheet HTML 155Page - Microchip Technology MEC1632 Datasheet HTML 156Page - Microchip Technology MEC1632 Datasheet HTML 157Page - Microchip Technology MEC1632 Datasheet HTML 158Page - Microchip Technology MEC1632 Datasheet HTML 159Page - Microchip Technology MEC1632 Datasheet HTML 160Page - Microchip Technology MEC1632 Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 157
MEC1632
Note 8-1
Interrupt is cleared when read by the EC.
Note 8-2
Interrupt is cleared when read by the host.
8.5.1
EMBEDDED MEMORY INTERFACE CONTROL REGISTERS
Mailbox Register, HOST-to-EC, and Mailbox Register, EC-to-HOST, are specifically designed to pass commands
between the host and the EC (FIGURE 8-1: on page 151). If enabled, these registers can generate interrupts.
When the host performs a write of the HOST-to-EC mailbox register, an interrupt will be generated and seen by the EC
if unmasked. When the EC writes the HOST-to-EC mailbox register using the EC-only offset address 100h, it can reset
the register to 00h, providing a simple means for the EC to inform the host that an operation has been completed.
When the EC writes the EC-to-HOST mailbox register, an SIRQ event or an event such as SMI or PME may be gener-
ated and seen by the host if unmasked. The Host CPU can reset the EC-to-HOST mailbox register to 00h, providing a
simple means for the host to inform that EC that an operation has been completed.
EC Data Register
04h
05h
06h
07h
04h
05h
06h
07h
R/W
04h
0-3
R/W
Interrupt Source Register
08h
09h
08h
09h
Table 8-9
08h
0-1
Table 8-9
Interrupt Mask Register
0Ah
0Bh
0Ah
0Bh
R/W
0Ah
2-3
R/W
Application ID Register
0Ch
0Ch
R/W
0Ch
0
R/W
HOST-to-EC Mailbox
Register
-
-
-
100h
0
R/WC
Note 8-1
EC-to-Host Mailbox
Register
-
-
-
101h
1
R/W
Note 8-2
Memory Base Address 0
Register
-
-
-
104h
0-3
R/W
Memory Read Limit 0
Register
-
-
-
108h
0-1
R/W
Memory Write Limit 0
Register
-
-
-
10Ah
2-3
R/W
Memory Base Address 1
Register
--
-
10Ch
0-3
R/W
Memory Read Limit 1
Register
-
-
-
110h
0-1
R/W
Memory Write Limit 1
Register
-
-
-
112h
2-3
R/W
Interrupt Set Register
-
-
-
114h
0-1
R/W
Host Clear Enable
Register
-
-
-
116h
2-3
R/W
PROGRAMMER’S NOTE:
The protocol used to pass commands back and forth through the Mailbox Registers
Interface is left to the System designer. Microchip can provide an application example
of working code in which the host uses the Mailbox registers to gain access to all of the
EC registers.
TABLE 8-2:
Embedded Memory Interface REGISTER SUMMARY (CONTINUED)
Host I/O Access
EC Interface
Register Name
Host I/O
Offset
SPB
Offset
Host
Type
SPB
Offset
Byte
Lane
EC
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com