Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 161 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 161 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 157Page - Microchip Technology MEC1632 Datasheet HTML 158Page - Microchip Technology MEC1632 Datasheet HTML 159Page - Microchip Technology MEC1632 Datasheet HTML 160Page - Microchip Technology MEC1632 Datasheet HTML 161Page - Microchip Technology MEC1632 Datasheet HTML 162Page - Microchip Technology MEC1632 Datasheet HTML 163Page - Microchip Technology MEC1632 Datasheet HTML 164Page - Microchip Technology MEC1632 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 161
MEC1632
REGION
When this bit is 0, the address defined by EC_Address[14:2] is relative to the base address specified by the Memory
Base Address 0 Register. When this bit is 1, the address defined by EC_Address[14:2] is relative to the base address
specified by the Memory Base Address 1 Register.
8.6.4
EC DATA REGISTER
DATA
This is a 32-bit register which returns data to the Host from the EC DCCM at the address specified by EC_Address[14:2].
The description of bits Access_Type in the EC Address Register defines which reads and writes from the Host trigger
transfers of data between this register and the DCCM.
A write to the EC Data Register when the EC Address Register is in a read-only or a no-access region, as defined by
the Memory Base and Limit registers, will update the EC Data Register but memory will not be modified. A read to the
EC Data Register when the EC Address Register is in a no-access region, as defined by the Memory Base and Limit
registers, will not trigger a memory read and will not modify the EC Data Register. In auto-increment mode (Access_-
Type=11b), reads of Byte 3 of the EC Data Register will still trigger increments of the EC Address Register when the
address is out of bounds, while writes of Byte 3 will not.
TABLE 8-8:
EC DATA REGISTER
HOST OFFSET
Byte 0: 04h
Byte 1: 05h
Byte 2: 06h
Byte 3: 07h
8-bit HOST SIZE
EC OFFSET
04h
32-bit EC SIZE
POWER
VTR
0000_0000h VTR POR DEFAULT
BUS
LPC SPB
BYTE3 BIT
D31
D30
D29
D28
D27
D26
D25
D24
HOST TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Data3[7:0]
BYTE2 BIT
D23
D22
D21
D20
D19
D18
D17
D16
HOST TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Data2[7:0]
BYTE1 BIT
D15
D14
D13
D12
D11
D10
D9
D8
HOST TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Data1[7:0]
BYTE0 BIT
D7
D6D5
D4D3D2
D1
D0
HOST TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Data0[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com