Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 164 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 164 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 160Page - Microchip Technology MEC1632 Datasheet HTML 161Page - Microchip Technology MEC1632 Datasheet HTML 162Page - Microchip Technology MEC1632 Datasheet HTML 163Page - Microchip Technology MEC1632 Datasheet HTML 164Page - Microchip Technology MEC1632 Datasheet HTML 165Page - Microchip Technology MEC1632 Datasheet HTML 166Page - Microchip Technology MEC1632 Datasheet HTML 167Page - Microchip Technology MEC1632 Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 636 page
background image
MEC1632
DS00001592B-page 164
 2012-2018 Microchip Technology Inc.
8.6.8
MEMORY BASE ADDRESS 0 REGISTER
This register is accessible to the EC only.
MEMORY_BASE_ADDRESS_0[23:2]
This register defines the beginning of a region in the Embedded Controller’s Data Closely Coupled Memory that is
shared between the Host and the EC. The region defined by this base register, Region 0, is used when bit 15 of the EC
Address Register is 0. The access will be to a memory location at an offset defined by the contents of the EC Address
Register, relative to the beginning of the region defined by this register. Therefore, a read or write to the memory that is
triggered by the EC Data Register will occur at DCCM_Base_Address + Memory_Base_Address_0[23:2] + EC_Ad-
dress[14:2].
For example, if Region = 0, the Memory_Base_Address_0[23:2] = 1000h and the EC_Address[14:2] = 20h, then the
AHB address of the access will be 80_1020h.
TABLE 8-12:
MEMORY BASE ADDRESS 0 REGISTER
HOST OFFSET
N/A
N/A HOST SIZE
EC OFFSET
104h
32-bit EC SIZE
POWER
VTR
0000_0000h VTR POR DEFAULT
BUS
LPC SPB
BYTE3 BIT
D31
D30
D29
D28
D27
D26
D25
D24
HOST TYPE
-
----
-
-
-
EC TYPE
R
RRRRR
R
R
BIT NAME
Reserved
BYTE2 BIT
D23
D22
D21
D20
D19
D18
D17
D16
HOST TYPE
-
----
-
-
-
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Memory_Base_Address_0[23:16]
BYTE1 BIT
D15
D14
D13
D12
D11
D10
D9
D8
HOST TYPE
-
----
-
-
-
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Memory_Base_Address_0[15:8]
BYTE0 BIT
D7
D6D5
D4D3D2
D1
D0
HOST TYPE
-
----
-
-
-
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R
R
BIT NAME
Memory_Base_Address_0[7:2]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com