Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 160 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 160 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 156Page - Microchip Technology MEC1632 Datasheet HTML 157Page - Microchip Technology MEC1632 Datasheet HTML 158Page - Microchip Technology MEC1632 Datasheet HTML 159Page - Microchip Technology MEC1632 Datasheet HTML 160Page - Microchip Technology MEC1632 Datasheet HTML 161Page - Microchip Technology MEC1632 Datasheet HTML 162Page - Microchip Technology MEC1632 Datasheet HTML 163Page - Microchip Technology MEC1632 Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 636 page
background image
MEC1632
DS00001592B-page 160
 2012-2018 Microchip Technology Inc.
8.6.3
EC ADDRESS REGISTER
ACCESS_TYPE
This field defines the type of access that occurs when the EC Data Register is read or written.
00: 8-bit access. Any byte read of Byte 0 through Byte 3 in the EC Data Register causes the corresponding byte within
the 32-bit double word addressed by EC_Address to be loaded into the byte of EC Data Register and returned by
the read. Any byte write to Byte 0 through Byte 3 in the EC Data Register writes the corresponding byte within the
32-bit double word addressed by EC_Address, as well as the byte of the EC Data Register.
01: 16-bit access. A read of Byte 0 in the EC Data Register causes the 16 bits in the DCCM at an offset of EC_Address
to be loaded into Byte 0 and Byte 1 of the EC Data Register. The read then returns the contents of Byte 0. A read
of Byte 2 in the EC Data Register causes the 16 bits in the DCCM at an offset of EC_Address+2 to be loaded into
Byte 2 and Byte 3 of the EC Data Register. The read then returns the contents of Byte 2. A read of Byte 1 or Byte
3 in the EC Data Register return the contents of the register, without any update from the DCCM.
A write of Byte 1 in the EC Data Register causes Bytes 1 and 0 of the EC Data Register to be written into the 16
bits in the DCCM at an offset of EC_Address. A write of Byte 3 in the EC Data Register causes Bytes 3 and 2 of
the EC Data Register to be written into the 16 bits in the DCCM at an offset of EC_Address+2. A write of Byte 0 or
Byte 2 in the EC Data Register updates the contents of the register, without any change to the DCCM.
10: 32-bit access. A read of Byte 0 in the EC Data Register causes the 32 bits in the DCCM at an offset of EC_Address
to be loaded into the entire EC Data Register. The read then returns the contents of Byte 0. A read of Byte 1, Byte
2 or Byte 3 in the EC Data Register returns the contents of the register, without any update from the DCCM.
A write of Byte 3 in the EC Data Register causes the EC Data Register to be written into the 32 bits in the DCCM
at an offset of EC_Address. A write of Byte 0, Byte 1 or Byte 2 in the EC Data Register updates the contents of the
register, without any change to the DCCM.
11: Auto-increment 32-bit access. This defines a 32-bit access, as in the 10 case. In addition, any read or write of Byte
3 in the EC Data Register causes the EC Address Register to be incremented by 1. That is, the EC_Address field
will point to the next 32-bit double word in the DCCM.
EC_ADDRESS[14:2]
This field defines the location in memory that can be read and/or written with the EC Data Register. The address is an
offset from the base of the Host-accessible region in the EC DCCM SRAM. The base of the Host-accessible region.
TABLE 8-7:
EC ADDRESS REGISTER
HOST OFFSET
Byte 0: 02h
Byte 1: 03h
8-bit HOST SIZE
EC OFFSET
02h
16-bit EC SIZE
POWER
VTR
0000h nSYS_RST DEFAULT
BUS
LPC SPB
BYTE1 BIT
D15
D14
D13
D12
D11
D10
D9
D8
HOST TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Region
EC_Address[14:8]
BYTE0 BIT
D7
D6D5
D4D3D2
D1
D0
HOST TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
EC_Address[7:2]
Access_Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com