Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 158 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 158 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 154Page - Microchip Technology MEC1632 Datasheet HTML 155Page - Microchip Technology MEC1632 Datasheet HTML 156Page - Microchip Technology MEC1632 Datasheet HTML 157Page - Microchip Technology MEC1632 Datasheet HTML 158Page - Microchip Technology MEC1632 Datasheet HTML 159Page - Microchip Technology MEC1632 Datasheet HTML 160Page - Microchip Technology MEC1632 Datasheet HTML 161Page - Microchip Technology MEC1632 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 636 page
background image
MEC1632
DS00001592B-page 158
 2012-2018 Microchip Technology Inc.
8.6
Registers
8.6.1
HOST-TO-EC MAILBOX REGISTER
HOST_EC_MBOX[7:0]
If enabled, an interrupt to the EC marked by the EM_MBX bit in the GIRQ15 Source Register will be generated when-
ever the Host writes this register. The Host and the EC can read and write this register at offset 000h. The EC can also
read this register at offset 100h.
Writes of a 1 to any bit in this register by the EC to this register at offset 100h will cause the bit to be cleared. Writes of
a 0 to any bit have no effect.
TABLE 8-3:
HOST-TO-EC MAILBOX REGISTER
HOST OFFSET
00h
8-Bit HOST SIZE
EC OFFSET
00h
8-Bit EC SIZE
POWER
VTR
00h
nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE0 BIT
D7D6D5
D4D3
D2
D1
D0
HOST TYPE
R/WR/W
R/WR/W
R/WR/W
R/WR/W
EC TYPE
R/WR/W
R/WR/W
R/WR/W
R/WR/W
BIT NAME
HOST_EC_MBOX[7:0]
TABLE 8-4:
HOST-TO-EC MAILBOX REGISTER
HOST OFFSET
-- HOST SIZE
EC OFFSET
100h
8-Bit EC SIZE
POWER
VTR
00h nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE0 BIT
D7D6D5
D4D3
D2
D1
D0
HOST TYPE
-
-
-
---
--
EC TYPE
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
BIT NAME
HOST_EC_MBOX[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com