Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 159 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 159 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 155Page - Microchip Technology MEC1632 Datasheet HTML 156Page - Microchip Technology MEC1632 Datasheet HTML 157Page - Microchip Technology MEC1632 Datasheet HTML 158Page - Microchip Technology MEC1632 Datasheet HTML 159Page - Microchip Technology MEC1632 Datasheet HTML 160Page - Microchip Technology MEC1632 Datasheet HTML 161Page - Microchip Technology MEC1632 Datasheet HTML 162Page - Microchip Technology MEC1632 Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 159
MEC1632
8.6.2
EC-TO-HOST MAILBOX REGISTER
EC_HOST_MBOX[7:0]
An EC write to this register will set bit EC_WR in the Interrupt Source Register to ‘1b’. If enabled, setting bit EC_WR to
‘1b’ generates a Host SIRQ event as well was the external nEM_INT event. The EC can also read and write this register
at offset 101h.
Writes of a 1 to any bit in this register at offset 01h, by the Host or by the EC, will cause the bit to be cleared. Writes of
a 0 to any bit have no effect.
TABLE 8-5:
EC-TO-HOST MAILBOX REGISTER
HOST OFFSET
01h
8-Bit HOST SIZE
EC OFFSET
01h
8-Bit EC SIZE
POWER
VTR
00h nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE0 BIT
D7D6
D5D4
D3D2D1
D0
HOST TYPE
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
EC TYPE
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
BIT NAME
EC_HOST_MBOX[7:0]
TABLE 8-6:
EC-TO-HOST MAILBOX REGISTER
HOST OFFSET
-- HOST SIZE
EC OFFSET
101h
8-Bit EC SIZE
POWER
VTR
00h
nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE0 BIT
D7D6
D5D4
D3D2D1
D0
HOST TYPE
-
-
-
---
--
EC TYPE
R/WR/W
R/WR/W
R/WR/W
R/WR/W
BIT NAME
EC_HOST_MBOX[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com