Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 155 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 155 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 151Page - Microchip Technology MEC1632 Datasheet HTML 152Page - Microchip Technology MEC1632 Datasheet HTML 153Page - Microchip Technology MEC1632 Datasheet HTML 154Page - Microchip Technology MEC1632 Datasheet HTML 155Page - Microchip Technology MEC1632 Datasheet HTML 156Page - Microchip Technology MEC1632 Datasheet HTML 157Page - Microchip Technology MEC1632 Datasheet HTML 158Page - Microchip Technology MEC1632 Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 155
MEC1632
Each window into the EC memory can be as large as 32K bytes. The Embedded Memory Interface uses the EC’s DCCM
Direct Memory Interface (DMI) in order to access the memory. Figure 8-4, "Embedded Memory Region Address Control"
shows the relationship between one of the regions in the Embedded Memory Interface and the DCCM DMI:
8.4.2
EMBEDDED MEMORY INTERFACE USAGE
The Embedded Memory Interface provides a generic facility for communication between the Host and the EC and can
be used for many functions. Some examples are:
• Virtual registers. A block of read-only memory locations in the DCCM can be used to implement a set of virtual
registers. The EC can update these locations with that the Host can later read.
• Program downloading. Because the Instruction Closely Coupled Memory is implemented in the same SRAM as
the DCCM, the Embedded Memory Interface can be used by the Host to download new program segments for the
EC. The Read/Write window would be configured by the Host to point to the beginning of the loadable program
region, which could then be loaded by the Host.
• Data exchange. The Read/Write portion of the memory window can be used to contain a communication packet.
The Host, by default, “owns” the packet, and can write it at any time. When the Host wishes to communicate with
the EC, it sends the EC a command, through the Host-to-EC message facility, to read the packet and perform
some operations as a result. When it is completed processing the packet, the EC can inform the Host, either
through a message in the EC-to-Host channel or by triggering an event such as an SMI directly. If return results
are required, the EC can write the results into the Read/Write region, which the Host can read directly when it is
informed that the EC has completed processing. Depending on the command, the operations could entail update
of virtual registers in the DCCM, reads of any register in the EC address space, or writes of any register in the EC
address space. Because there are two regions that are defined by the base registers, the memory used for the
communication packet does not have to be contiguous with a set of virtual registers.
FIGURE 8-4:
EMBEDDED MEMORY REGION ADDRESS CONTROL
EC Data
EC Address
Write Limit
Read Limit
<?
+
Memory Base
dmi_rdata
dmi_wdata
dmi_addr
DCCM
dmi_we
dmi_req
<?
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com