Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 162 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 162 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 158Page - Microchip Technology MEC1632 Datasheet HTML 159Page - Microchip Technology MEC1632 Datasheet HTML 160Page - Microchip Technology MEC1632 Datasheet HTML 161Page - Microchip Technology MEC1632 Datasheet HTML 162Page - Microchip Technology MEC1632 Datasheet HTML 163Page - Microchip Technology MEC1632 Datasheet HTML 164Page - Microchip Technology MEC1632 Datasheet HTML 165Page - Microchip Technology MEC1632 Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 636 page
background image
MEC1632
DS00001592B-page 162
 2012-2018 Microchip Technology Inc.
8.6.5
INTERRUPT SOURCE REGISTER
EC_WR
This bit is set autonomously when the EC-to-Host Mailbox Register has been written by the EC at offset 101h. An SIRQ
event or an external nEM_INT event to the Host is generated when any bit in this register (EC_WR or any bit in
EC_SWI[14:0]) is ‘1b’ and the corresponding bit in the Interrupt Mask Register register is ‘1b’.
This bit is automatically cleared by a read of the EC-to-Host Mailbox Register at offset 01h.
EC_SWI[14:0]
Each bit in this field is cleared when written with a ‘1b’. The ability to clear the bit can be disabled if the corresponding
bit in the Host Clear Enable Register is set to ‘0b’.
The EC can generate an interrupt to the Host by setting any bit in this field to ‘1b’. The EC can set bits to ‘1b’ by writing
the corresponding bit in the Interrupt Set Register to ‘1b’.
TABLE 8-9:
INTERRUPT SOURCE REGISTER
HOST OFFSET
Byte 0: 08h
Byte 1: 09h
8-Bit HOST SIZE
EC OFFSET
08h
16-Bit EC SIZE
POWER
VTR
0000h nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE1 BIT
D15
D14
D13
D12
D11
D10
D9
D8
HOST TYPE
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
EC TYPE
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
BIT NAME
EC_SWI[14:7]
BYTE0 BIT
D7D6D5
D4D3
D2
D1
D0
HOST TYPE
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R
EC TYPE
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R/WC
R
BIT NAME
EC_SWI[6:0]
EC_WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com