Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 165 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 165 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 161Page - Microchip Technology MEC1632 Datasheet HTML 162Page - Microchip Technology MEC1632 Datasheet HTML 163Page - Microchip Technology MEC1632 Datasheet HTML 164Page - Microchip Technology MEC1632 Datasheet HTML 165Page - Microchip Technology MEC1632 Datasheet HTML 166Page - Microchip Technology MEC1632 Datasheet HTML 167Page - Microchip Technology MEC1632 Datasheet HTML 168Page - Microchip Technology MEC1632 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 165
MEC1632
8.6.9
MEMORY READ LIMIT 0 REGISTER
This register is accessible to the EC only.
MEMORY_READ_LIMIT_0[14:2]
Whenever a read of any byte in EC Data Register is attempted, and bit 15 of EC_Address is 0, the field EC_Ad-
dress[14:2] in the EC Address Register is compared to this field. As long as EC_Address[14:2] is less than Memo-
ry_Read_Limit_0[14:2] the EC Data Register will be loaded from the DCCM.
8.6.10
MEMORY WRITE LIMIT 0 REGISTER
This register is accessible to the EC only.
TABLE 8-13:
MEMORY READ LIMIT 0 REGISTER
HOST OFFSET
N/A
N/A HOST SIZE
EC OFFSET
108h
16-bit EC SIZE
POWER
VTR
0000h VTR POR DEFAULT
BUS
LPC SPB
BYTE1 BIT
D15
D14
D13
D12
D11
D10
D9
D8
HOST TYPE
-
----
-
-
-
EC TYPE
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Reserved
Memory_Read_Limit_0[14:8]
BYTE0 BIT
D7
D6D5
D4D3D2
D1
D0
HOST TYPE
-
----
-
-
-
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R
R
BIT NAME
Memory_Read_Limit_0[7:2]
Reserved
TABLE 8-14:
MEMORY WRITE LIMIT 0 REGISTER
HOST OFFSET
N/A
N/A HOST SIZE
EC OFFSET
10Ah
16-bit EC SIZE
POWER
VTR
0000h VTR POR DEFAULT
BUS
LPC SPB
BYTE1 BIT
D15
D14
D13
D12
D11
D10
D9
D8
HOST TYPE
-
----
-
-
-
EC TYPE
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Reserved
Memory_Write_Limit_0[14:8]
BYTE0 BIT
D7
D6D5
D4D3D2
D1
D0
HOST TYPE
-
----
-
-
-
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R
R
BIT NAME
Memory_Write_Limit_0[7:2]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com