Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 169 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 169 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 165Page - Microchip Technology MEC1632 Datasheet HTML 166Page - Microchip Technology MEC1632 Datasheet HTML 167Page - Microchip Technology MEC1632 Datasheet HTML 168Page - Microchip Technology MEC1632 Datasheet HTML 169Page - Microchip Technology MEC1632 Datasheet HTML 170Page - Microchip Technology MEC1632 Datasheet HTML 171Page - Microchip Technology MEC1632 Datasheet HTML 172Page - Microchip Technology MEC1632 Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 169
MEC1632
8.6.15
HOST CLEAR ENABLE REGISTER
This register is accessible to the EC only.
HOST_CLR_ENABLE[14:0]
When a bit in this field is ‘0b’, the corresponding bit in the Interrupt Source Register cannot be cleared by writes to the
Interrupt Source Register. When a bit in this field is ‘1b’, the corresponding bit in the Interrupt Source Register can be
cleared when that register bit is written with a ‘1b’.
These bits allow the EC to control whether the status bits in the Interrupt Source Register are based on an edge or level
event.
TABLE 8-19:
HOST CLEAR ENABLE REGISTER
HOST OFFSET
N/A
N/A HOST SIZE
EC OFFSET
116h
16-Bit EC SIZE
POWER
VTR
0000h nSYS_RST DEFAULT
BUS
LPC SPB
BYTE1 BIT
D15
D14
D13
D12
D11
D10
D9
D8
HOST TYPE
-------
-
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Host_Clr_Enable[14:7]
BYTE0 BIT
D7D6D5D4D3D2D1
D0
HOST TYPE
-------
-
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
BIT NAME
Host_Clr_Enable[6:0]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com