Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 172 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 172 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 168Page - Microchip Technology MEC1632 Datasheet HTML 169Page - Microchip Technology MEC1632 Datasheet HTML 170Page - Microchip Technology MEC1632 Datasheet HTML 171Page - Microchip Technology MEC1632 Datasheet HTML 172Page - Microchip Technology MEC1632 Datasheet HTML 173Page - Microchip Technology MEC1632 Datasheet HTML 174Page - Microchip Technology MEC1632 Datasheet HTML 175Page - Microchip Technology MEC1632 Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 636 page
background image
MEC1632
DS00001592B-page 172
 2012-2018 Microchip Technology Inc.
9.7
Low Power Modes
The ACPI Embedded Controller Interface (ACPI-ECI) automatically enters low power mode when no transaction targets
it.
9.8
Description
The ACPI Embedded Controller Interface (ACPI-ECI) provides an APCI-EC interface that adheres to the ACPI specifi-
cation. The ACPI Embedded Controller Interface (ACPI-ECI) includes two modes of operation: Legacy Mode and Four-
byte Mode.
The ACPI Embedded Controller Interface (ACPI-ECI) defaults to Legacy Mode which provides single byte Full Duplex
operation. Legacy Mode corresponds to the ACPI specification functionality as illustrated in FIGURE 9-2: on page 173.
The EC interrupts in FIGURE 9-2: on page 173 are implemented as EC_OBF & EC_IBF. See Section 9.6, "Interrupts,"
on page 171.
In Four-byte Mode, the ACPI Embedded Controller Interface (ACPI-ECI) provides four byte Full Duplex operation. Four-
byte Mode is a superset of the ACPI specification functionality as illustrated in FIGURE 9-2: on page 173.
Both Legacy Mode & Four-byte Mode provide Full Duplex Communication which allows data/command transfers in one
direction while maintaining data from the other direction; communications can flow both ways simultaneously.
In Legacy Mode, the ACPI Embedded Controller Interface (ACPI-ECI) contains three registers: ACPI OS COMMAND
Register, STATUS OS-Register, and OS2EC Data EC-Register Byte 0. These standard registers occupy two addresses
in the ACPI_OS address space (see Table 9-9).
The OS2EC Data EC-Register Byte 0 and ACPI OS COMMAND Register registers appear as a single 8-bit data register
in the ACPI_EC address space. The CMD bit in the STATUS OS-Register is used by the ACPI_EC to discriminate com-
mands from data written by the ACPI_OS to the ACPI_EC. The CMD bit is controlled by hardware: ACPI_OS writes to
the OS2EC Data EC-Register Byte 0 register clear the CMD bit; ACPI_OS writes to the ACPI OS COMMAND Register
set the CMD bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com