Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 176 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 176 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 172Page - Microchip Technology MEC1632 Datasheet HTML 173Page - Microchip Technology MEC1632 Datasheet HTML 174Page - Microchip Technology MEC1632 Datasheet HTML 175Page - Microchip Technology MEC1632 Datasheet HTML 176Page - Microchip Technology MEC1632 Datasheet HTML 177Page - Microchip Technology MEC1632 Datasheet HTML 178Page - Microchip Technology MEC1632 Datasheet HTML 179Page - Microchip Technology MEC1632 Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 636 page
background image
MEC1632
DS00001592B-page 176
 2012-2018 Microchip Technology Inc.
9.10
Runtime Registers
The registers listed in the Runtime Registers Register Summary table are for a single instance of the ACPI Embedded
Controller Interface (ACPI-ECI). The addresses of each register listed in this table are defined as a relative offset to the
host “Base Address” defined in Runtime Registers Address Range Table.
Note 9-3
The Base Address indicates where the first register can be accessed in a particular address space
for a block instance.
TABLE 9-8:
Runtime Registers ADDRESS RANGE TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
ACPI-EC
0
EC
Note 9-1
24-bit internal
address space
FF_0800h +100h
ACPI-EC
0
LPC
Note 9-2
I/O
Programmed BAR
ACPI-EC
1
EC
Note 9-1
24-bit internal
address space
FF_0C00h +100h
ACPI-EC
1
LPC
Note 9-2
I/O
Programmed BAR
ACPI-EC
2
EC
Note 9-1
24-bit internal
address space
FF_1000h +100h
ACPI-EC
2
LPC
Note 9-2
I/O
Programmed BAR
ACPI-EC
3
EC
Note 9-1
24-bit internal
address space
FF_1400h +100h
ACPI-EC
3
LPC
Note 9-2
I/O
Programmed BAR
TABLE 9-9:
Runtime Registers REGISTER SUMMARY
Offset
Register Name (Mnemonic)
00h
ACPI OS Data Register Byte 0
01h
ACPI OS Data Register Byte 1
02h
ACPI OS Data Register Byte 2
03h
ACPI OS Data Register Byte 3
04h
ACPI OS COMMAND Register
04h
STATUS OS-Register
05h
Byte Control OS-Register
06h
Reserved
07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com