Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 177 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 177 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 173Page - Microchip Technology MEC1632 Datasheet HTML 174Page - Microchip Technology MEC1632 Datasheet HTML 175Page - Microchip Technology MEC1632 Datasheet HTML 176Page - Microchip Technology MEC1632 Datasheet HTML 177Page - Microchip Technology MEC1632 Datasheet HTML 178Page - Microchip Technology MEC1632 Datasheet HTML 179Page - Microchip Technology MEC1632 Datasheet HTML 180Page - Microchip Technology MEC1632 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 177
MEC1632
9.10.1
ACPI OS DATA REGISTER BYTE 0
OS_DATA_B0
; ALIAS=(OS2EC_DATA_ECREG_B0)
; ALIAS=EC2OS_DATA_ECREG_B0
This register is aliased; see ACPI-OS DATA BYTES[3:0] on page 177, OS2EC DATA BYTES[3:0] on page 184, and
EC2OS DATA BYTES[3:0] on page 186 for detailed description of access rules.
ACPI-OS DATA BYTES[3:0]
Writes by the ACPI_OS to the ACPI-OS DATA BYTES[3:0] are aliased to the OS2EC DATA BYTES[3:0] registers.
Reads by the ACPI_OS from the ACPI-OS DATA BYTES[3:0] are aliased to the EC2OS DATA BYTES[3:0] registers.
All access to the ACPI-OS DATA BYTES[3:0] registers should be orderly: Least Significant Byte to Most Significant Byte
when byte access is used.
Writes to any of the four ACPI-OS DATA BYTES[3:0] registers clear the CMD bit in the STATUS OS-Register (the state
of the Four Byte Access bit in the Byte Control OS-Register has no impact.)
When the Four Byte Access bit in the Byte Control OS-Register is cleared to ‘0’, the following access rules apply:
1.
Writes to the ACPI OS Data Register Byte 0 register set the IBF bit in the STATUS OS-Register.
2.
Reads from the ACPI OS Data Register Byte 0 register clear the OBF bit in the STATUS OS-Register.
3.
All writes to ACPI-OS DATA BYTES[3:1] registers complete without error but the data are not registered.
4.
All reads from ACPI-OS DATA BYTES[3:1] registers return 00h without error.
5.
Access to ACPI-OS DATA BYTES[3:1] has no effect on the IBF & OBF bits in the STATUS OS-Register.
When the Four Byte Access bit in the Byte Control OS-Register is set to ‘1’, the following access rules apply:
1.
Writes to the ACPI OS Data Register Byte 3 register sets the IBF bit in the STATUS OS-Register.
2.
Reads from the ACPI OS Data Register Byte 3 registers clears the OBF bit in the STATUS OS-Register.
9.10.2
ACPI OS DATA REGISTER BYTE 1
OS_DATA_B1
; ALIAS=OS2EC_DATA_ECREG_B1
; ALIAS=EC2OS_DATA_ECREG_B1
This register is aliased; see ACPI-OS DATA BYTES[3:0] on page 177, OS2EC DATA BYTES[3:0] on page 184, and
EC2OS DATA BYTES[3:0] on page 186 for a detailed description of access rules.
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:0
ACPI-OS DATA BYTE 0
OS_DAT_B0; ALIASED
This is byte 0 of the 32-bit ACPI-OS DATA BYTES[3:0].
R/W
0h
nSYS_R
ST
Offset
01h
Bits
Description
Type
Default
Reset
Event
7:0
ACPI-OS DATA BYTE 1
OS_DAT_B1; ALIASED
This is byte 1 of the 32-bit ACPI-OS DATA BYTES[3:0].
R/W
0h
nSYS_R
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com