Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 175 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 175 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 171Page - Microchip Technology MEC1632 Datasheet HTML 172Page - Microchip Technology MEC1632 Datasheet HTML 173Page - Microchip Technology MEC1632 Datasheet HTML 174Page - Microchip Technology MEC1632 Datasheet HTML 175Page - Microchip Technology MEC1632 Datasheet HTML 176Page - Microchip Technology MEC1632 Datasheet HTML 177Page - Microchip Technology MEC1632 Datasheet HTML 178Page - Microchip Technology MEC1632 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 175
MEC1632
9.9
Register Aliasing between Runtime and EC-Only Registers
Table 9-6, "Runtime Registers Aliasing into EC-Only Registers" indicates the aliasing from Runtime Registers to EC-
Only Registers. The “Aliased Access” column distinguishes the aliasing based on access type. See individual register
descriptions for more details.
Table 9-7, "EC-Only Registers Summary" indicates the aliasing from EC-Only Registers to Runtime Registers. The
“Aliased Access” column distinguishes the aliasing based on access type. See individual register descriptions for more
details.
TABLE 9-6:
Runtime Registers ALIASING INTO EC-ONLY REGISTERS
Runtime Registers
Map of Aliasing into
EC-Only Registers
LPC
Offset
EC
Offset
Runtime Registers
Register Name (Mnemonic)
Aliased
Access
EC
Offset
EC-Only Registers
Register Name (Mnemonic)
Aliased
Access
00h
00h
ACPI OS Data Register Byte 0
W108h
OS2EC Data EC-Register Byte 0
R
00h
00h
ACPI OS Data Register Byte 0
R100h
EC2OS Data EC-Register Byte 0
W
01h
01h
ACPI OS Data Register Byte 1
W109h
OS2EC Data EC-Register Byte 1
R
01h
01h
ACPI OS Data Register Byte 1
R101h
EC2OS Data EC-Register Byte 1
W
02h
02h
ACPI OS Data Register Byte 2
W
10Ah
OS2EC Data EC-Register Byte 2
R
02h
02h
ACPI OS Data Register Byte 2
R102h
EC2OS Data EC-Register Byte 2
W
03h
03h
ACPI OS Data Register Byte 3
W
10Bh
OS2EC Data EC-Register Byte 3
R
03h
03h
ACPI OS Data Register Byte 3
R103h
EC2OS Data EC-Register Byte 3
W
04h
04h
ACPI OS COMMAND Register
W108h
OS2EC Data EC-Register Byte 0
R
04h
04h
STATUS OS-Register
R104h
STATUS EC-Register
W
05h
05h
Byte Control OS-Register
R105h
Byte Control EC-Register
R/W
06h
06h
Reserved
106h
Reserved
07h
07h
Reserved
107h
Reserved
TABLE 9-7:
EC-Only Registers SUMMARY
EC-Only Registers
Map of Aliasing into
Runtime Registers
EC
Offset
EC-Only Registers
Register Name (Mnemonic)
Aliased
Access
LPC
Offset
EC
Offset
Runtime Registers
Register Name (Mnemonic)
Aliased
Access
108h
OS2EC Data EC-Register Byte 0
R
00h
00h
ACPI OS Data Register Byte 0
W
108h
OS2EC Data EC-Register Byte 0
R
04h
04h
ACPI OS COMMAND Register
W
109h
OS2EC Data EC-Register Byte 1
R
01h
01h
ACPI OS Data Register Byte 1
W
10Ah
OS2EC Data EC-Register Byte 2
R
02h
02h
ACPI OS Data Register Byte 2
W
10Bh
OS2EC Data EC-Register Byte 3
R
03h
03h
ACPI OS Data Register Byte 3
W
104h
STATUS EC-Register
W
04h
04h
STATUS OS-Register
W
105h
Byte Control EC-Register
R/W
05h
05h
Byte Control OS-Register
R
106h
Reserved
R
Reserved
R
107h
Reserved
R
Reserved
R
100h
EC2OS Data EC-Register Byte 0
W
00h
00h
ACPI OS Data Register Byte 0
R
101h
EC2OS Data EC-Register Byte 1
W
01h
01h
ACPI OS Data Register Byte 1
R
102h
EC2OS Data EC-Register Byte 2
W
02h
02h
ACPI OS Data Register Byte 2
R
103h
EC2OS Data EC-Register Byte 3
W
03h
03h
ACPI OS Data Register Byte 3
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com