Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 171 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 171 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 167Page - Microchip Technology MEC1632 Datasheet HTML 168Page - Microchip Technology MEC1632 Datasheet HTML 169Page - Microchip Technology MEC1632 Datasheet HTML 170Page - Microchip Technology MEC1632 Datasheet HTML 171Page - Microchip Technology MEC1632 Datasheet HTML 172Page - Microchip Technology MEC1632 Datasheet HTML 173Page - Microchip Technology MEC1632 Datasheet HTML 174Page - Microchip Technology MEC1632 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 171
MEC1632
9.4.1
SIGNAL DESCRIPTION
9.4.2
HOST INTERFACE
The registers defined for the ACPI Embedded Controller Interface (ACPI-ECI) are accessible by the System Host and
the Embedded Controller as indicated in Section 9.11, "EC-Only Registers" and Section 9.10, "Runtime Registers".
9.5
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
9.5.1
POWER DOMAINS
9.5.2
CLOCK INPUTS
This block only requires the Host interface clocks to synchronize registers access.
9.5.3
RESETS
9.6
Interrupts
This section defines the Interrupt Sources generated from this block.
TABLE 9-2:
SIGNAL DESCRIPTION TABLE
Name
Direction
Description
EC_IBF
Output
Output follows IBF in STATUS OS-Register on page 179
EC_OBF
Output
Output follows inversion of OBF in STATUS OS-Register on page
179
TABLE 9-3:
POWER SOURCES
Name
Description
VTR
The logic and registers implemented in this block reside on this single power
well.
TABLE 9-4:
RESET SIGNALS
Name
Description
nSYS_RST
nSYS_RST resets all the logic and registers in ACPI Embedded Controller
Interface (ACPI-ECI).
TABLE 9-5:
INTERRUPTS
Source
Description
EC_OBF
EC_OBF interrupt is asserted when the OBF in the STATUS EC-Register is
cleared to ‘0’.
EC_IBF
EC_IBF interrupt is asserted when the IBF in the STATUS EC-Register is set
to ‘1’.
Note:
The usage model from the ACPI specification requires both SMI’s and SCI’s. The ACPI_OS SMI & SCI
interrupts are not implemented in the ACPI Embedded Controller Interface (ACPI-ECI). The SMI_EVT and
SCI_EVT bits in the Section 9.10.6, "STATUS OS-Register," on page 179 are software flags and this block
does not initiate SMI or SCI events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com