Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 170 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 170 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 166Page - Microchip Technology MEC1632 Datasheet HTML 167Page - Microchip Technology MEC1632 Datasheet HTML 168Page - Microchip Technology MEC1632 Datasheet HTML 169Page - Microchip Technology MEC1632 Datasheet HTML 170Page - Microchip Technology MEC1632 Datasheet HTML 171Page - Microchip Technology MEC1632 Datasheet HTML 172Page - Microchip Technology MEC1632 Datasheet HTML 173Page - Microchip Technology MEC1632 Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 636 page
background image
MEC1632
DS00001592B-page 170
 2012-2018 Microchip Technology Inc.
9.0
ACPI EMBEDDED CONTROLLER INTERFACE (ACPI-ECI)
9.1
Introduction
The ACPI Embedded Controller Interface (ACPI-ECI) is a Host/EC Message Interface. The ACPI specification defines
the standard hardware and software communications interface between the OS and an embedded controller. This inter-
face allows the OS to support a standard driver that can directly communicate with the embedded controller, allowing
other drivers within the system to communicate with and use the EC resources; for example, Smart Battery and AML
code.
The ACPI Embedded Controller Interface (ACPI-ECI) provides a four byte full duplex data interface which is a superset
of the standard ACPI Embedded Controller Interface (ACPI-ECI) one byte data interface. The ACPI Embedded Control-
ler Interface (ACPI-ECI) defaults to the standard one byte interface.
Note 9-1
The EC host in Table 9-8 & Table 9-10 corresponds to the EC in the ACPI specification. This
interface is referred to elsewhere in this chapter as ACPI_EC.
Note 9-2
The LPC host in Table 9-8 & Table 9-10 corresponds to the “System Host Interface to OS” in the
ACPI specification. This interface is referred to elsewhere in this chapter as ACPI_OS.
9.2
References
1.
Advanced Configuration and Power Interface Specification, Revision 4.0 June 16, 2009, Hewlett-Packard Cor-
poration Intel Corporation Microsoft Corporation Phoenix Technologies Ltd. Toshiba Corporation
9.3
Terminology
9.4
Interface
This block is designed to be accessed externally and internally via a register interface.
TABLE 9-1:
TERMINOLOGY
Term
Definition
ACPI_EC
The EC host corresponding to the ACPI specification interface to the EC.
ACPI_OS
The LPC host corresponding to the ACPI specification interface to the “System Host
Interface to OS”.
ACPI_OS terminology is not meant to distinguish the ACPI System Management from
Operating System but merely the hardware path upstream towards the CPU.
FIGURE 9-1:
ACPI EMBEDDED CONTROLLER INTERFACE (ACPI-ECI) I/O DIAGRAM
Host Interface
ACPI Embedded Controller
Interface (ACPI-ECI)
EC Interface
EC_IBF
EC_OBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com