Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 178 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 178 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 174Page - Microchip Technology MEC1632 Datasheet HTML 175Page - Microchip Technology MEC1632 Datasheet HTML 176Page - Microchip Technology MEC1632 Datasheet HTML 177Page - Microchip Technology MEC1632 Datasheet HTML 178Page - Microchip Technology MEC1632 Datasheet HTML 179Page - Microchip Technology MEC1632 Datasheet HTML 180Page - Microchip Technology MEC1632 Datasheet HTML 181Page - Microchip Technology MEC1632 Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 636 page
background image
MEC1632
DS00001592B-page 178
 2012-2018 Microchip Technology Inc.
9.10.3
ACPI OS DATA REGISTER BYTE 2
OS_DATA_B2
; ALIAS=OS2EC_DATA_ECREG_B2
; ALIAS=EC2OS_DATA_ECREG_B2
This register is aliased; see ACPI-OS DATA BYTES[3:0] on page 177, OS2EC DATA BYTES[3:0] on page 184, and
EC2OS DATA BYTES[3:0] on page 186 for a detailed description of access rules.
9.10.4
ACPI OS DATA REGISTER BYTE 3
OS_DATA_B3
; ALIAS=OS2EC_DATA_ECREG_B3
; ALIAS=EC2OS_DATA_ECREG_B3
This register is aliased; see ACPI-OS DATA BYTES[3:0] on page 177, OS2EC DATA BYTES[3:0] on page 184, and
EC2OS DATA BYTES[3:0] on page 186 for a detailed description of access rules.
9.10.5
ACPI OS COMMAND REGISTER
COMMAND_OSREG
; ALIAS=(OS2EC_DATA_ECREG_B0)
Offset
02h
Bits
Description
Type
Default
Reset
Event
7:0
ACPI-OS DATA BYTE 2
(OS_DAT_B2; ALIASED)
This is byte 2 of the 32-bit ACPI-OS DATA BYTES[3:0].
R/W
0h
nSYS_R
ST
Offset
03h
Bits
Description
Type
Default
Reset
Event
7:0
ACPI-OS DATA BYTE 3
(OS_DAT_B3; ALIASED)
This is byte 3 of the 32-bit ACPI-OS DATA BYTES[3:0].
R/W
0h
nSYS_R
ST
Offset
04h
Bits
Description
Type
Default
Reset
Event
7:0
ACPI-OS COMMAND
(OS_CMD; ALIASED)
Writes to the this register are aliased in the OS2EC Data EC-
Register Byte 0.
Writes to the this register also set the CMD and IBF bits in the
STATUS OS-Register
W0h
nSYS_R
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com