Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 182 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 182 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 178Page - Microchip Technology MEC1632 Datasheet HTML 179Page - Microchip Technology MEC1632 Datasheet HTML 180Page - Microchip Technology MEC1632 Datasheet HTML 181Page - Microchip Technology MEC1632 Datasheet HTML 182Page - Microchip Technology MEC1632 Datasheet HTML 183Page - Microchip Technology MEC1632 Datasheet HTML 184Page - Microchip Technology MEC1632 Datasheet HTML 185Page - Microchip Technology MEC1632 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 636 page
background image
MEC1632
DS00001592B-page 182
 2012-2018 Microchip Technology Inc.
0
OBF
(OBF_OS; ALIASED)
The Output Buffer Full bit is set to indicate that the ACPI_EC has
written data to the ACPI_OS and that data is ready. This bit is
automatically cleared when all data have been read by the
ACPI_OS.
Note:
The setting and clearing of this OBF varies depending on
the setting Four Byte Access bit in the Byte Control OS-
Register. Two scenarios follow:
1.
The OBF bit is set if the Four Byte Access bit in the Byte Con-
trol OS-Register is ‘0’ when the ACPI_EC writes to the EC2OS
Data EC-Register Byte 0.
The OBF is cleared if the Four Byte Access bit in the Byte Control
OS-Register is cleared to ‘0’ when the ACPI_OS reads from the
ACPI OS Data Register Byte 0.
2.
The OBF is set if the Four Byte Access bit in the Byte Control
OS-Register is set to ‘1’ when the ACPI_EC writes to the
EC2OS Data EC-Register Byte 3.
The OBF is cleared if the Four Byte Access bit in the Byte Control
OS-Register is set to ‘1’ when the ACPI_OS reads from the ACPI
OS Data Register Byte 3.
The ACPI Specification usage model is as follows:
1.
The ACPI_EC must generate a software interrupt (See Note:
on page 171) to alert the ACPI_OS that the data is available.
2.
The ACPI_OS reads the STATUS OS-Register and sees the
OBF flag set, the ACPI_OS reads all the data available in the
ACPI-OS DATA BYTES[3:0].
3.
The ACPI_OS reads all the data available in the ACPI-OS
DATA BYTES[3:0]. This causes the OBF bit to be automati-
cally cleared by hardware and the associated EC_OBF inter-
rupt to be asserted.
R0h
nSYS_R
ST
Offset
04h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com