Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 186 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 186 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 182Page - Microchip Technology MEC1632 Datasheet HTML 183Page - Microchip Technology MEC1632 Datasheet HTML 184Page - Microchip Technology MEC1632 Datasheet HTML 185Page - Microchip Technology MEC1632 Datasheet HTML 186Page - Microchip Technology MEC1632 Datasheet HTML 187Page - Microchip Technology MEC1632 Datasheet HTML 188Page - Microchip Technology MEC1632 Datasheet HTML 189Page - Microchip Technology MEC1632 Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 636 page
background image
MEC1632
DS00001592B-page 186
 2012-2018 Microchip Technology Inc.
9.11.5
EC2OS DATA EC-REGISTER BYTE 0
EC2OS_DATA_ECREG_B0
; ALIAS=OS_DATA_B0
This register is aliased; see ACPI-OS DATA BYTES[3:0] on page 177, OS2EC DATA BYTES[3:0] on page 184, and
EC2OS DATA BYTES[3:0] on page 186 for detailed description of access rules.
EC2OS DATA BYTES[3:0]
Writes by the ACPI_EC to the EC2OS DATA BYTES[3:0] are aliased to the ACPI-OS DATA BYTES[3:0]
All access to the EC2OS DATA BYTES[3:0] registers should be orderly: Least Significant Byte to Most Significant Byte
when byte access is used.
When the Four Byte Access bit in the Byte Control OS-Register is cleared to ‘0’, the following access rules apply:
1.
Writes to the EC2OS Data EC-Register Byte 0 set the OBF bit in the STATUS OS-Register.
2.
Reads from the EC2OS DATA BYTES[3:0] have no effect on the IBF bit in the STATUS OS-Register.
3.
All reads from EC2OS DATA BYTES[3:1] return 00h without error.
4.
All writes to EC2OS DATA BYTES[3:1] complete without error but the data are not registered.
5.
Access to EC2OS DATA BYTES[3:1] have no effect on the IBF & OBF bits in the STATUS OS-Register.
When the Four Byte Access bit in the Byte Control OS-Register is set to ‘1’, the following access rules apply:
1.
Writes to the EC2OS Data EC-Register Byte 3 set the OBF bit in the STATUS OS-Register.
2.
Reads from the EC2OS DATA BYTES[3:0] have no effect on the IBF bit in the STATUS OS-Register.
9.11.6
EC2OS DATA EC-REGISTER BYTE 1
EC2OS_DATA_ECREG_B1
; ALIAS=OS_DATA_B1
This register is aliased; see ACPI-OS DATA BYTES[3:0] on page 177, OS2EC DATA BYTES[3:0] on page 184, and
EC2OS DATA BYTES[3:0] on page 186 for detailed description of access rules.
Offset
100h
Bits
Description
Type
Default
Reset
Event
7:0
EC2OS DATA BYTE 0
(EC2OS_DAT_B0)
This is byte 0 of the 32-bit EC2OS DATA BYTES[3:0].
R/W
0h
nSYS_R
ST
Offset
101h
Bits
Description
Type
Default
Reset
Event
7:0
EC2OS DATA BYTE 1
(EC2OS_DAT_B1)
This is byte 1 of the 32-bit EC2OS DATA BYTES[3:0].
R/W
0h
nSYS_R
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com