Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 189 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 189 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 185Page - Microchip Technology MEC1632 Datasheet HTML 186Page - Microchip Technology MEC1632 Datasheet HTML 187Page - Microchip Technology MEC1632 Datasheet HTML 188Page - Microchip Technology MEC1632 Datasheet HTML 189Page - Microchip Technology MEC1632 Datasheet HTML 190Page - Microchip Technology MEC1632 Datasheet HTML 191Page - Microchip Technology MEC1632 Datasheet HTML 192Page - Microchip Technology MEC1632 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 189
MEC1632
9.11.10
BYTE CONTROL EC-REGISTER
BYTE_CNL_ECREG
; ALIAS=BYTE_CNL_OSREG
This register is aliased to the Byte Control OS-Register on page 183. The Byte Control OS-Register is a read only ver-
sion of this register.
Offset
105h
Bits
Description
Type
Default
Reset
Event
7:1 RESERVED
RES
-
-
0
Four Byte Access
(4BYTE_ACCESS_EN_OS;ALIASED)
See Four Byte Access bit in Byte Control OS-Register on page 183
for bit description.
Note:
R/W
0b
nSYS_R
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com