Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 191 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 191 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 187Page - Microchip Technology MEC1632 Datasheet HTML 188Page - Microchip Technology MEC1632 Datasheet HTML 189Page - Microchip Technology MEC1632 Datasheet HTML 190Page - Microchip Technology MEC1632 Datasheet HTML 191Page - Microchip Technology MEC1632 Datasheet HTML 192Page - Microchip Technology MEC1632 Datasheet HTML 193Page - Microchip Technology MEC1632 Datasheet HTML 194Page - Microchip Technology MEC1632 Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 191
MEC1632
10.1.3
BLOCK DIAGRAM SIGNAL LIST
10.2
Power, Clocks and Reset
10.2.1
POWER DOMAIN
This block is powered by VTR.
See Section 7.1.1, "Power Configuration," on page 95 for details on power domains.
10.2.2
CLOCKS
This block has four clock inputs: LPC Bus Clock, 1MHZ (MCLK_DIV20_EN_HST) clock source. LPC Bus Clock is used
to the accessible and clock the registers in this block. The 1MHz Host Clock Domain is used to clock the counter in the
CPU_RESET circuitry.
See Section 7.4, "Clock Generator," on page 98 for details on clocks.
10.3
Power On Reset
This block is reset on a nSYS_RST and nSIO_RESET. On a reset, all Register are reset to 00h and the state machines
are set to idle.
See Section 7.6, "Reset Interface," on page 124 for details on reset.
10.4
Interrupts
The 8042 Emulated Keyboard Controller can generate a KBD_OBF interrupt when the OBF bit in the Keyboard Status
Read Register is cleared (falling edge sensitive) and a KBD_IBF interrupt when the IBF bit in the Keyboard Status Read
Register is set (active high, level sensitive). These interrupt sources are routed to the GIRQ19 Source Register.
10.4.1
8042 EMULATED KEYBOARD CONTROLLER (LDN 1H) SIRQ ROUTING
The 8042 Emulated Keyboard Controller can generate two SIRQ events for the EC-to-HOST EC events:KIRQ & MIRQ.
For the KIRQ interrupt the Interrupt Configuration Register, SELECT on page 72 is cleared to ‘0’ and for MIRQ the Inter-
rupt Configuration Register, SELECT is set to’1’.
See Logical Device Configuration, Section 5.7, "SERIRQ Interrupts," on page 71.
10.5
Instance Description
There are two blocks defined in this chapter: 8042 MSG Interface and the Port92-Legacy. The MEC1632 has one
instance of each block.
TABLE 10-1:
8042 Emulated Keyboard Controller SIGNAL LIST
Signal Name
Direction
Description
EC_IBF
Output
Interrupt generated by the host writing either data or command to
the data register
EC_OBF
Output
Interrupt generated by the host reading either data or aux data
from the data register
KIRQ
Output
Routed to the Host SIRQ
MIRQ
Output
Routed to the Host SIRQ
KBRST
Output
Routed to Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com