Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 194 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 194 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 190Page - Microchip Technology MEC1632 Datasheet HTML 191Page - Microchip Technology MEC1632 Datasheet HTML 192Page - Microchip Technology MEC1632 Datasheet HTML 193Page - Microchip Technology MEC1632 Datasheet HTML 194Page - Microchip Technology MEC1632 Datasheet HTML 195Page - Microchip Technology MEC1632 Datasheet HTML 196Page - Microchip Technology MEC1632 Datasheet HTML 197Page - Microchip Technology MEC1632 Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 636 page
background image
MEC1632
DS00001592B-page 194
 2012-2018 Microchip Technology Inc.
10.8.2
EC_HOST DATA / AUX DATA REGISTER
This is an 8-bit read-only register. When read, by the HOST, the PCOBF and/or AUXOBF interrupts are cleared and the
OBF flag in the status register is cleared.
10.8.3
KEYBOARD STATUS READ
This is an 8 bit read only register. Refer to the description of the Status Register (EC OFFSET 104h) for more informa-
tion.
This register is read-only for the Host and read/write by the EC. The EC cannot write to bits 0, 1, or 3 of the Status reg-
ister.
APPLICATION NOTE:
The IBF and OBFbits are not cleared (‘0’) by hardware when VCC_PWRGD is asserted or
when the LPC interface powers down; for example, following system changes state S3->S0,
S5->S0, G3-> S0. To clear the IBF bit in firmware, read offset 100h; to clear the OBF bit
in firmware, read offset 000h.
UD1
Read/Write by EC. These bits are user-definable. This bit is reset to ‘0’ when LRESET# pin signal function is asserted.
UD
Read/Write by EC. These bits are user-definable.
C/D
Command Data - This bit specifies whether the input data register contains data or a command (“0” = data, “1” = com-
mand). During a host command write operation, this bit is set to “1”, during a host data write operation, this bit is set to
“0”.
TABLE 10-6:
EC_HOST DATA/AUX DATA REGISTER
HOST I/O INDEX
00h
8-bit HOST SIZE
EC OFFSET
100h Data or 10Ch Aux Data
8-bit EC SIZE
POWER
VTR
00h nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE3 BIT
D7D6D5
D4D3
D2
D1
D0
HOST TYPE
R
R
R
RRR
RR
EC TYPE
WW
WW
WWW
W
BIT NAME
Data
TABLE 10-7:
KEYBOARD STATUS READ REGISTER
HOST I/O INDEX
4h
8-bit HOST SIZE
EC OFFSET
104h
8-bit EC SIZE
POWER
VTR
00h
nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE3 BIT
D7D6D5
D4D3
D2
D1
D0
HOST TYPE
R
R
R
RRR
RR
EC TYPE
R/W
R/W
R/W
R/W
R
R/W
R
R
BIT NAME
UD
UD
AUXOBF
UD
C/D
UD1
IBF
OBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com