Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 198 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 198 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 194Page - Microchip Technology MEC1632 Datasheet HTML 195Page - Microchip Technology MEC1632 Datasheet HTML 196Page - Microchip Technology MEC1632 Datasheet HTML 197Page - Microchip Technology MEC1632 Datasheet HTML 198Page - Microchip Technology MEC1632 Datasheet HTML 199Page - Microchip Technology MEC1632 Datasheet HTML 200Page - Microchip Technology MEC1632 Datasheet HTML 201Page - Microchip Technology MEC1632 Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 636 page
background image
MEC1632
DS00001592B-page 198
 2012-2018 Microchip Technology Inc.
Note 10-6
CMD is bit D3 in the Keyboard Status Read Register.
All Registers listed in Table 10-14 are powered by VTR and reset by nSYS_RST except the PORT92 Register which is
powered by VTR and reset by nSIO_RESET (See Section , "iRESET OUT," on page 133).
10.12 Configuration Registers
10.12.1
PORT 92 ENABLE
The MEC1632 supports LPC I/O writes to port 92h as a quick alternate mechanism for generating a CPU_RESET pulse
or controlling the state of GATEA20.
10.13 Runtime Registers
10.13.1
PORT 92
The MEC1632 supports LPC I/O writes to port HOST I/O address 92h as a quick alternate mechanism for generating a
CPU_RESET pulse or controlling the state of GATEA20.
The PORT92 Register resides at HOST I/O address 92h and is used to support the alternate reset (ALT_RST#) and
alternate GATEA20 (ALT_A20) functions. This register defaults to 00h on assertion of nSIO_RESET (See Section ,
"iRESET OUT," on page 133).
TABLE 10-14:
Port92-Legacy SUPPORT REGISTER SUMMARY
Host I/O Access
EC Interface
Register Name
Host I/O
Address
SPB Offset
Host
Type
SPB Offset
Byte
Lane
EC Type
Notes
GATEA20 Control
Register
--
-
100h
0
R/W
SETGA20L Register
--
-
108h
0
W
RSTGA20L Register
-
-
-
10Ch
0
W
PORT92 Register
92h
000h
R/W
000h
0
R/W
Host Access
EC Interface
Register Name
Host Config.
Index
SPB Offset
Host
Type
SPB
Offset
Byte
Lane
EC Type
PORT92 Enable
Register
30h
3F0h
R/W
330h
0
R/W
TABLE 10-15: PORT92 ENABLE REGISTER
HOST CONFIG
INDEX
30h
8-bit HOST SIZE
EC OFFSET
330h
8-bit EC SIZE
POWER
VTR
00h
nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE3 BIT
D7D6D5
D4D3
D2
D1
D0
HOST TYPE
RR/W
EC TYPE
-
-
-
---
--
BIT NAME
Reserved
P92_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com