Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 199 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 199 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 195Page - Microchip Technology MEC1632 Datasheet HTML 196Page - Microchip Technology MEC1632 Datasheet HTML 197Page - Microchip Technology MEC1632 Datasheet HTML 198Page - Microchip Technology MEC1632 Datasheet HTML 199Page - Microchip Technology MEC1632 Datasheet HTML 200Page - Microchip Technology MEC1632 Datasheet HTML 201Page - Microchip Technology MEC1632 Datasheet HTML 202Page - Microchip Technology MEC1632 Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 199
MEC1632
Setting the Port92 Enable bit (PORT92 Enable Register) enables the Port92h Register. When Port92 is disabled, by
clearing the Port92 Enable bit, then access to this register is completely disabled (I/O writes to host 92h are ignored and
I/O reads float the system data bus SD[7:0]).
ALT_CPU_RESET
This bit provides an alternate means to generate a CPU_RESET pulse. The CPU_RESET output provides a means to
reset the system CPU to effect a mode switch from Protected Virtual Address Mode to the Real Address Mode. This
provides a faster means of reset than is provided through the EC keyboard controller. Writing a “1” to this bit will cause
the ALT_RST# internal signal to pulse (active low) for a minimum of 6
s after a delay of 14s. Before another ALT_RST#
pulse can be generated, this bit must be written back to “0”.
ALT_GATEA20
This bit provides an alternate means for system control of the MEC1632 GATEA20 pin.
0=ALT_A20 is driven low
1=ALT_A20 is driven high
When Port 92 is enabled, writing a 0 to bit 1 of the PORT92 Register forces ALT_A20 low. ALT_A20 low drives GATEA20
low, if A20 from the keyboard controller is also low. When Port 92 is enabled, writing a 1 to bit 1 of the PORT92 Register
forces ALT_A20 high. ALT_A20 high drives GATEA20 high regardless of the state of A20 from the keyboard controller.
10.13.2
GATE A20
The MEC1632 contains on-chip logic support for the GATEA20 hardware speed-up feature. GATEA20 is part of the con-
trol required to mask address line A20 to emulate 8086 addressing.
In addition to the ability for the host to control the GATEA20 output signal directly, a configuration bit called “SAEN” (Soft-
ware Assist Enable, bit 1 of Keyboard Control Register is provided; when set, SAEN allows firmware to control the
GATEA20 output.
When SAEN is set, a 1 bit register (GATEA20 Control Register) controls the GATEA20 output. The register bit allocation
is shown in Table 10-13.
Note 10-7
Refer to the GATEA20 Control description for information on this register. This is a one bit register
(Bits 1-7=0 on read).
TABLE 10-16: PORT92 REGISTER
HOST I/O
ADDRESS
0092h
8-bit HOST SIZE
EC OFFSET
00h
8-bit EC SIZE
POWER
VTR
00h nSIO_RESET DEFAULT
BUS
LPC SPB
BYTE3 BIT
D7D6
D5D4
D3
D2
D1
D0
HOST TYPE
RR/W
R/W
EC TYPE
-
---
-
-
-
-
BIT NAME
Reserved
ALT_GATEA
20
ALT_CPU_
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com