Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 201 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 201 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 197Page - Microchip Technology MEC1632 Datasheet HTML 198Page - Microchip Technology MEC1632 Datasheet HTML 199Page - Microchip Technology MEC1632 Datasheet HTML 200Page - Microchip Technology MEC1632 Datasheet HTML 201Page - Microchip Technology MEC1632 Datasheet HTML 202Page - Microchip Technology MEC1632 Datasheet HTML 203Page - Microchip Technology MEC1632 Datasheet HTML 204Page - Microchip Technology MEC1632 Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 201
MEC1632
Note 10-8
• All examples assume that the SAEN configuration bit is 0.
• “Q” indicates the bit remains set at the previous state.
• *Not a standard sequence.
• **XX = Anything except D1.
• If multiple data bytes, set IBF and wait at state 0. Let the software know something unusual happened.
• For data bytes, only D[1] is used; all other bits are don't care.
Note 10-9
Refer to the GATEA20 Hardware Speed-up description for information on this register. A write to this
register sets GATEA20.
Note 10-10
Refer to the GATEA20 Hardware Speed-up description for information on this register. A write to this
register re-sets GATEA20.
1
1
0
1
W
W
W
W
D1
D1
DD
FF
0
0
0
0
Q
Q
0
0
GATEA20 Turn-off Sequence(*)
1
1
1
W
W
W
D1
XX**
FF
0
1
1
Q
Q
Q
Invalid Sequence
TABLE 10-19: SETGA20L REGISTER
HOST OFFSET
NA
8-bit HOST SIZE
EC OFFSET
108h
8-bit EC SIZE
POWER
VTR
00h nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE3 BIT
D7D6
D5D4
D3D2D1
D0
HOST TYPE
-
-
-
---
--
EC TYPE
W
BIT NAME
TABLE 10-20: RSTGA20L REGISTER
HOST OFFSET
NA
8-bit HOST SIZE
EC OFFSET
10Ch
8-bit EC SIZE
POWER
VTR
00h
nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE3 BIT
D7D6
D5D4
D3D2D1
D0
HOST TYPE
-
-
-
---
--
EC TYPE
W
BIT NAME
TABLE 10-18: GATEA20 COMMAND/DATA SEQUENCE EXAMPLES (CONTINUED)
Data
Byte
R/W
D[0:7]
IBF FLAG
GATEA20
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com