Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 200 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 200 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 196Page - Microchip Technology MEC1632 Datasheet HTML 197Page - Microchip Technology MEC1632 Datasheet HTML 198Page - Microchip Technology MEC1632 Datasheet HTML 199Page - Microchip Technology MEC1632 Datasheet HTML 200Page - Microchip Technology MEC1632 Datasheet HTML 201Page - Microchip Technology MEC1632 Datasheet HTML 202Page - Microchip Technology MEC1632 Datasheet HTML 203Page - Microchip Technology MEC1632 Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 636 page
background image
MEC1632
DS00001592B-page 200
 2012-2018 Microchip Technology Inc.
10.13.3
GATEA20 CONTROL
GATEA20
Writing a “0” into bid GATEA20 causes the GATEA20 output to go low, and vice versa.
Host control and firmware control of GATEA20 affect two separate register elements. Read back of GATEA20 through
the use of EC OFFSET 100h reflects the present state of the GATEA20 output signal: if SAEN is set, the value read
back corresponds to the last firmware-initiated control of GATEA20; if SAEN is reset, the value read back corresponds
to the last host-initiated control of GATEA20.
Host control of the GATEA20 output is provided by the hardware interpretation of the “GATEA20 sequence” (see
Table 10-18). The foregoing description assumes that the SAEN configuration bit is reset.
When the MEC1632 receives a “D1” command followed by data (via the host interface), the on-chip hardware copies
the value of data bit 1 in the received data field to the GATEA20 host latch. At no time during this host-interface trans-
action will PCOBF or the IBF flag (bit 1) in the Keyboard Status Read Register be activated; for example, this host control
of GATEA20 is transparent to firmware, with no consequent degradation of overall system performance. Table 10-18
details the possible GATEA20 sequences and the MEC1632 responses.
On VCC_POR, GATEA20 will be set.
An additional level of control flexibility is offered via a memory-mapped synchronous set and reset capability. Any data
written to EC OFFSET 108h causes the GATEA20 host latch to be set; any data written to EC OFFSET 10Ch causes it
to be reset. This control mechanism should be used with caution. It was added to augment the “normal” control flow as
described above, not to replace it. Since the host and the firmware have asynchronous control capability of the host
latch via this mechanism, a potential conflict could arise. Therefore, after using the EC OFFSET 108h and EC OFFSET
10Ch addresses, firmware should read back the GATEA20 status via EC OFFSET 100h (with SAEN = 0) to confirm the
actual GATEA20 response.
TABLE 10-17: GATEA20 CONTROL REGISTER
HOST OFFSET
NA
8-bit HOST SIZE
EC OFFSET
100h
8-bit EC SIZE
POWER
VTR
00h nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE3 BIT
D7D6D5
D4
D3D2D1
D0
HOST TYPE
-
------
-
EC TYPE
RR/W
BIT NAME
Reserved
GATEA20
TABLE 10-18: GATEA20 COMMAND/DATA SEQUENCE EXAMPLES
Data
Byte
R/W
D[0:7]
IBF FLAG
GATEA20
Comments
1
0
1
W
W
W
D1
DF
FF
0
0
0
Q
1
1
GATEA20 Turn-on Sequence
1
0
1
W
W
W
D1
DD
FF
0
0
0
Q
0
0
GATEA20 Turn-off Sequence
1
1
0
1
W
W
W
W
D1
D1
DF
FF
0
0
0
0
Q
Q
1
1
GATEA20 Turn-on Sequence(*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com