Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 196 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 196 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 192Page - Microchip Technology MEC1632 Datasheet HTML 193Page - Microchip Technology MEC1632 Datasheet HTML 194Page - Microchip Technology MEC1632 Datasheet HTML 195Page - Microchip Technology MEC1632 Datasheet HTML 196Page - Microchip Technology MEC1632 Datasheet HTML 197Page - Microchip Technology MEC1632 Datasheet HTML 198Page - Microchip Technology MEC1632 Datasheet HTML 199Page - Microchip Technology MEC1632 Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 636 page
background image
MEC1632
DS00001592B-page 196
 2012-2018 Microchip Technology Inc.
Additional flexibility has been added which allows firmware to directly control the PCOBF output signal, independent of
data transfers to the host-interface data output register. This feature allows the MEC1632 to be operated via the host
“polled” mode. This firmware control is active when PCOBFEN = 1 and firmware can then bring PCOBF high by writing
a “1” to the LSB of the 1 bit data register, PCOBF, at EC OFFSET 114h. The firmware must also clear this bit by writing
a “0” to the LSB of the 1 bit data register at EC OFFSET 114h.
The PCOBF register is also readable; bits 1-7 will return a “0” on the read back. The value read back on bit 0 of the
register always reflects the present value of the PCOBF output. If PCOBFEN = 1, then this value reflects the output of
the firmware latch at EC OFFSET 114h. If PCOBFEN = 0, then the value read back reflects the in-process status of write
cycles to EC OFFSET 100h (i.e., if the value read back is high, the host interface output data register has just been
written to). If OBFEN=0, then KIRQ is driven inactive (low).
10.9.2
AUXOBF1 DESCRIPTION
(The following description assumes that OBFEN = 1 in Keyboard Control Register on page 197); This bit is multiplexed
onto MIRQ. The AUXOBF1/MIRQ signal is a system interrupt which signifies that the EC has written to the EC_HOST
Data / AUX Data Register.
On power-up, after nSYS_RST, AUXOBF1 is reset to 0. AUXOBF1 will normally reflects the status of writes to EC OFF-
SET 10Ch. (MIRQ is normally selected as IRQ12 for mouse support). AUXOBF1 is cleared by hardware on a read of
the Host Data Register. If OBFEN=0, then KIRQ is driven inactive (low).
TABLE 10-10: STATUS AND INTERRUPT BEHAVIOR OF WRITING TO OUTPUT DATA REGISTER
Host I/F Status Register Bits
Write to Register
AUXOBF (D5)
OBF (D0)
OBFEN=0
OBFEN=1
EC OFFSET 100h
0
1
KIRQ=0
KIRQ=1
EC OFFSET 10Ch
1
1
MIRQ=0
MIRQ=1
TABLE 10-11: OBFEN AND PCOBFEN EFFECTS ON KIRQ
OBFEN
PCOBFEN
0
X
KIRQ is inactive and driven low
1
0
KIRQ = PCOBF@EC OFFSET 100h
1
1
KIRQ = PCOBF@EC OFFSET 114h
TABLE 10-12: OBFEN AND AUXH EFFECTS ON MIRQ
OBFEN
AUXH
0
X
MIRQ is inactive and driven low
1
0
MIRQ = PCOBF@EC OFFSET 10Ch; Status Register D5 = User Defined
1
1
MIRQ = PCOBF@EC OFFSET 10Ch; Status Register D5 = Hardware Controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com