Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 192 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 192 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 188Page - Microchip Technology MEC1632 Datasheet HTML 189Page - Microchip Technology MEC1632 Datasheet HTML 190Page - Microchip Technology MEC1632 Datasheet HTML 191Page - Microchip Technology MEC1632 Datasheet HTML 192Page - Microchip Technology MEC1632 Datasheet HTML 193Page - Microchip Technology MEC1632 Datasheet HTML 194Page - Microchip Technology MEC1632 Datasheet HTML 195Page - Microchip Technology MEC1632 Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 636 page
background image
MEC1632
DS00001592B-page 192
 2012-2018 Microchip Technology Inc.
10.6
Registers
The 8042 Emulated Keyboard Controller has a 8042 MSG Interface block which has its own Logical Device Number,
and Base Address as indicated in Table 10-2. The Host LPC I/O addresses for the 8042 MSG Interface is selected via
Base Address Register (see Section 5.6.2, "Base Address Registers," on page 66). LPC access to configuration regis-
ters is through Host Access Configuration Port (see Section 5.5.1, "Host Access Port," on page 65).
The 8042 Emulated Keyboard Controller also has a Port92-Legacy block which has a separate Logical Device Number
and Base Address Register as indicated in Table 10-2. The Base Address Register for the Port92-Legacy has only one
writable bit, the Valid Bit, since the only I/O accessible Register has a fixed address.
Table 10-3 is a register summary for the 8042 MSG Interface block and Table 10-14 on page 198 is a register summary
for the Port92-Legacy block.
Note 10-1
The Host LPC I/O addresses for this instance is selected via a Base Address Register (see Section
5.6.2, "Base Address Registers," on page 66). LPC access to configuration registers is through the
Host Access Configuration Port (see Section 5.5.1, "Host Access Port," on page 65).
Table 10-3 is a register summary for the 8042 MSG Interface block. The LPC I/O address for each Run-Time Register
is described below as an offset from its Base Address Register. Each EC address is indicated as an SPB Offset from
its AHB base address. Each Configuration register access through the Host Access Port is via its LDN indicated in
Table 10-2 on page 192 and its Host Access Port index which is described as “Host Config Index” in the tables below.
Note 10-2
CMD is bit D3 in the Keyboard Status Read Register.
Note 10-3
All Registers listed in Table 10-3 are powered by VTR and reset by nSYS_RST.
TABLE 10-2:
8042 Emulated Keyboard Controller BASE ADDRESS TABLE
8042 Emulated Keyboard
Controller
Blocks
LDN from
(
Table 4-2 on
page 59)
AHB Base Address
8042 MSG Interface
1h
FF_0400h
Port92-Legacy
8h
FF_2000h
TABLE 10-3:
8042 MSG Interface REGISTER SUMMARY
Host I/O Access
CMD
Note 10
-2
EC Interface
Register Name
Host I/O
Index
SPB
Offset
Host
Type
SPB
Offset
Byte
Lane
EC
Type
Notes
HOST_EC Data/CMD
Register
00h
00h
W
0
100h
0R
04h
04h
1
0
R
EC_HOST Data/AUX
Data Register
00h
00h
R
0
100h
0
W
010Ch
0
Keyboard Status Read
Register
04h
04h
R
0
104h
3
R/W
PCOBF Register
--
-
0
114h
0
R/W
Keyboard Control
Register
-
-
-
0
108h
0
R/W
Host Access
EC Interface
Register Name
Host Config.
Index
SPB
Offset
Host
Type
N/A
EC
Offset
Byte
Lane
EC
Type
Activate Register
30h
330h
R/W
330h
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com