Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 193 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 193 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 189Page - Microchip Technology MEC1632 Datasheet HTML 190Page - Microchip Technology MEC1632 Datasheet HTML 191Page - Microchip Technology MEC1632 Datasheet HTML 192Page - Microchip Technology MEC1632 Datasheet HTML 193Page - Microchip Technology MEC1632 Datasheet HTML 194Page - Microchip Technology MEC1632 Datasheet HTML 195Page - Microchip Technology MEC1632 Datasheet HTML 196Page - Microchip Technology MEC1632 Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 193
MEC1632
10.7
8042 MSG Interface Configuration Registers
10.7.1
ACTIVATE REGISTER
ACTIVATE
0=1MHz Clock to the CPU_REST block is disabled, ONLY if the PGEN is not active
1=1MHz Clock to the CPU_REST block is enabled
10.8
8042 MSG Interface Runtime Registers
10.8.1
HOST_EC DATA / CMD REGISTER
This is an 8-bit HOST write-only register. When written with Data, the C/D status bit of the status register is cleared to
zero and the IBF bit is set.
When written with a command, the C/D status bit of the status register is set to one and the IBF bit is set to a 1.
TABLE 10-4:
8042 MSG Interface ACTIVATE REGISTER
HOST CONFIG
INDEX
330h
8-bit HOST SIZE
EC OFFSET
NA
8-bit EC SIZE
POWER
VTR
00h nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE3 BIT
D7D6
D5D4
D3D2D1
D0
HOST TYPE
RR/W
EC TYPE
-
-
-
---
--
BIT NAME
Reserved
Activate
TABLE 10-5:
HOST_EC DATA/CMD REGISTER
HOST I/O INDEX
00h Data
04h Command
8-bit HOST SIZE
EC OFFSET
100h
8-bit EC SIZE
POWER
VTR
00h nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE3 BIT
D7D6
D5D4
D3D2D1
D0
HOST TYPE
WW
WW
WWW
W
EC TYPE
R
R
R
RRR
RR
BIT NAME
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com