Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 205 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 205 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 201Page - Microchip Technology MEC1632 Datasheet HTML 202Page - Microchip Technology MEC1632 Datasheet HTML 203Page - Microchip Technology MEC1632 Datasheet HTML 204Page - Microchip Technology MEC1632 Datasheet HTML 205Page - Microchip Technology MEC1632 Datasheet HTML 206Page - Microchip Technology MEC1632 Datasheet HTML 207Page - Microchip Technology MEC1632 Datasheet HTML 208Page - Microchip Technology MEC1632 Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 205
MEC1632
11.0
ACPI PM1 BLOCK INTERFACE
11.1
General Description
The MEC1632 supports ACPI as described in this section. These features comply with the ACPI Specification, Revision
1.0, through a combination of hardware and EC software.
The MEC1632 implements the ACPI fixed registers but includes only those bits that apply to the power button sleep
button and RTC alarm events. The ACPI WAK_ SLP_TYPx, and SLP_ bits are also supported.
11.2
Power, Clocks and Reset
11.2.1
POWER DOMAIN
This block is powered by VTR
See Section 7.1.1, "Power Configuration," on page 95 for details on power domains.
11.2.2
CLOCKS
This block has one clock input, the LPC Bus Clock.
See Section 7.4, "Clock Generator," on page 98 for details on clocks.
11.2.3
POWER ON RESET
This block is reset on a nSYS_RST. After nSYS_RST is asserted, all registers are set to ‘0’.
See Section 7.6, "Reset Interface," on page 124 for details on reset.
11.3
Interrupts
11.3.1
SCI INTERRUPTS TO THE HOST
The functions described in the following sub-sections can generate a SCI event on the EC_SCI# pin. In the MEC1632,
an SCI event is considered the same as an ACPI wakeup or runtime event. The EC can also generate a SCI on the
EC_SCI# pin by setting the EC_SCI_ bit in the EC_SCI# Pin Interface on page 211.
11.3.2
INTERRUPTS TO THE EC
An Interrupt is generated to the EC on PM1_CTL2 bit of GIRQ13 Source Register by the Host writing to Power Man-
agement 1 Control Register 2 (PM1_CNTRL 2).
An Interrupt is generated to the EC on PM1_EN2 bit of GIRQ13 Source Register by the Host writing to Power Manage-
ment 1 Enable Register 2 (PM1_EN 2).
An Interrupt is generated to the EC on PM1_STS2 bit of GIRQ13 Source Register by the Host writing to Power Man-
agement 1 Status Register 2 (PM1_STS 2).
11.3.3
ACPI PM1 BLOCK SCI EVENT-GENERATING FUNCTIONS
11.3.3.1
Power Button with Override
The power button has a status and an enable bit in the PM1_BLK of registers to provide an SCI upon the button press.
The status bit is software Read/Writable by the EC; the enable bit is Read-only by the EC. It also has a status and enable
bit in the PM1_BLK of registers to indicate and control the power button override (fail-safe) event. These bits are not
required by ACPI. The power button override event status bit is software Read/Writable by the EC; the enable bit is soft-
ware read-only by the EC. The enable bit for the override event is located at bit 1 in the Power Management 1 Control
Register 2 (PM1_CNTRL 2).
The PWRBTN_ bit is set by the Host to enable the generation of an SCI due to the power button event. The status bit
is set by the EC when it generates a power button event and is cleared by the Host writing a ‘1’ to this bit (writing a ‘0’
has no effect); it can also be cleared by the EC. If the enable bit is set, the EC will generate an SCI power management
event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com