Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 208 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 208 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 204Page - Microchip Technology MEC1632 Datasheet HTML 205Page - Microchip Technology MEC1632 Datasheet HTML 206Page - Microchip Technology MEC1632 Datasheet HTML 207Page - Microchip Technology MEC1632 Datasheet HTML 208Page - Microchip Technology MEC1632 Datasheet HTML 209Page - Microchip Technology MEC1632 Datasheet HTML 210Page - Microchip Technology MEC1632 Datasheet HTML 211Page - Microchip Technology MEC1632 Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 636 page
background image
MEC1632
DS00001592B-page 208
 2012-2018 Microchip Technology Inc.
11.4.2
POWER MANAGEMENT 1 STATUS 2 (PM1_STS 2)
Note 11-3
These bits are set/cleared by the EC directly i.e., writing ‘1’ sets the bit and writing ‘0’ clears it. These
bits can also be cleared by the Host software writing a one to this bit position and by nSYS_RST.
Writing a 0 by the Host has no effect.
Note 11-4
An interrupt (PM1_CTL2) is generated to the EC when the Host writes to this register.
PWRBTN_STS
This bit can be set or cleared by the EC to simulate a Power button status if the power is controlled by the EC. The Host
writing a one to this bit can also clear this bit. The EC must generate the associated SCI interrupt under software control.
SLPBTN_STS
This bit can be set or cleared by the EC to simulate a Sleep button status if the sleep state is controlled by the EC. The
Host writing a one to this bit can also clear this bit. The EC must generate the associated SCI interrupt under software
control.
RTC_STS
This bit can be set or cleared by the EC to simulate a RTC status. The Host writing a one to this bit can also clear this
bit. The EC must generate the associated SCI interrupt under software control.
PWRBTNOR_STS
This bit can be set or cleared by the EC to simulate a Power button override event status if the power is controlled by
the EC. The Host writing a one to this bit can also clear this bit. The EC must generate the associated hardware event
under software control.
WAK_STS
This bit can be set or cleared by the EC. The Host writing a one to this bit can also clear this bit.
TABLE 11-4:
POWER MANAGEMENT 1 STATUS REGISTER 2 (PM1_STS 2)
HOST OFFSET
1h
8-bit HOST SIZE
EC OFFSET
101h
EC SIZE
POWER
VTR
00h nSYS_RST DEFAULT
BUS
LPC SPB
BYTE0 BIT
D7
D6
D5
D4
D3
D2
D1
D0
HOST TYPE
R/WC
R
R
R
R/WC
R/WC
R/WC
R/WC
EC TYPE
R/W
R
R
R
R/W
R/W
R/W
R/W
BIT NAME
WAK_
STS
Reserved
PWRBT-
NOR_
STS
RTC_
STS
SLPBT-
N_STS
PWRBTN
_STS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com