Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 207 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 207 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 203Page - Microchip Technology MEC1632 Datasheet HTML 204Page - Microchip Technology MEC1632 Datasheet HTML 205Page - Microchip Technology MEC1632 Datasheet HTML 206Page - Microchip Technology MEC1632 Datasheet HTML 207Page - Microchip Technology MEC1632 Datasheet HTML 208Page - Microchip Technology MEC1632 Datasheet HTML 209Page - Microchip Technology MEC1632 Datasheet HTML 210Page - Microchip Technology MEC1632 Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 207
MEC1632
Note 11-1
Byte 0 of this register is reserved.
Note 11-2
These registers return ‘0’ when read, writes have no effect.
11.4.1
POWER MANAGEMENT 1 STATUS 1 (PM1_STS 1)
RESERVED
Reserved bits return ‘0’ when read.
TABLE 11-2:
ACPI PM1 Block Interface REGISTER SUMMARY
Host Access
EC Access
Register Name
Host I/O
Index
SPB Offset
Host
Type
SPB Offset
Byte
lane
EC Type
Notes
Power Management 1
Status Register 1
(PM1_STS) 1
0h
00h
R
100h
0
R
Power Management 1
Status Register 2
(PM1_STS 2)
1h
01h
R/WC
101h
1
R/W
Table 11-4
Note 11-4
Power Management 1
Enable Register 1
(PM1_EN 1)
2h
02h
R
102h
2
R
Power Management 1
Enable Register 2
(PM1_EN 2)
3h
03h
R/W
103h
3
R
Table 11-6
Note 11-5
Power Management 1
Control Register 1
(PM1_CNTRL 1)
4h
04h
R
104h
0
R
Power Management 1
Control Register 2
(PM1_CNTRL 2)
5h
05h
R/W
105h
1
R
Table 11-8
Note 11-6
Power Management 2
Control Register 1
(PM2_CNTRL 1)
6h
06h
R
106h
2
R
Note 11-2
Power Management 2
Control Register 2
(PM2_CNTRL 2)
7h
07h
R
107h
3
R
Note 11-2
EC_PM_STS Register
--
-
110h
0
R/W
TABLE 11-3:
POWER MANAGEMENT 1 STATUS REGISTER 1 (PM1_STS) 1
HOST OFFSET
0h
8-bit HOST SIZE
EC OFFSET
100h
EC SIZE
POWER
VTR
00h
nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE0 BIT
D7D6
D5D4
D3D2D1
D0
HOST TYPE
R
R
R
RRR
RR
EC TYPE
R
R
R
RRR
RR
BIT NAME
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com