Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 211 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 211 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 207Page - Microchip Technology MEC1632 Datasheet HTML 208Page - Microchip Technology MEC1632 Datasheet HTML 209Page - Microchip Technology MEC1632 Datasheet HTML 210Page - Microchip Technology MEC1632 Datasheet HTML 211Page - Microchip Technology MEC1632 Datasheet HTML 212Page - Microchip Technology MEC1632 Datasheet HTML 213Page - Microchip Technology MEC1632 Datasheet HTML 214Page - Microchip Technology MEC1632 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 211
MEC1632
11.4.7
POWER MANAGEMENT 2 CONTROL 1 (PM2_CNTRL 1)
RESERVED
Reserved bits return ‘0’ when read.
11.4.8
POWER MANAGEMENT 2 CONTROL 2 (PM2_CNTRL 2)
RESERVED
Reserved bits return ‘0’ when read.
11.5
EC_SCI# Pin Interface
The EC_SCI# pin logic hardware is shown below in Figure 11-1.
Any or all of the PWRBTN, SLPBTN_STS, and RTC_ bits in the Power Management 1 Status Register 2 (PM1_STS 2)
can assert the EC_SCI# pin if enabled by the PWRBTN_, SLPBTN_, and RTC_ bits in the PM1_EN 2 register.
The EC_SCI_ bit can assert the EC_SCI# pin at any time, without being enabled. The EC_SCI_ bit is located in the
EC_PM_STS Register.
The EC_SCI_ bit is in the MEC1632 and is read/write by the EC. If the EC_SCI_ bit is “1”, an interrupt is generated on
the EC_SCI# pin.
TABLE 11-10: POWER MANAGEMENT 2 CONTROL REGISTER 1 (PM2_CNTRL 1)
HOST OFFSET
06h
8-bit HOST SIZE
EC OFFSET
106h
EC SIZE
POWER
VTR
00h nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE0 BIT
D7D6
D5D4
D3D2D1
D0
HOST TYPE
R
R
R
RRR
RR
EC TYPE
R
R
R
RRR
RR
BIT NAME
Reserved
TABLE 11-11: POWER MANAGEMENT 2 CONTROL REGISTER 2 (PM2_CNTRL 2)
HOST OFFSET
07h
8-bit HOST SIZE
EC OFFSET
107h
EC SIZE
POWER
VTR
00h nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE0 BIT
D7D6
D5D4
D3D2D1
D0
HOST TYPE
R
R
R
RRR
RR
EC TYPE
R
R
R
RRR
RR
BIT NAME
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com