Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 210 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 210 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 206Page - Microchip Technology MEC1632 Datasheet HTML 207Page - Microchip Technology MEC1632 Datasheet HTML 208Page - Microchip Technology MEC1632 Datasheet HTML 209Page - Microchip Technology MEC1632 Datasheet HTML 210Page - Microchip Technology MEC1632 Datasheet HTML 211Page - Microchip Technology MEC1632 Datasheet HTML 212Page - Microchip Technology MEC1632 Datasheet HTML 213Page - Microchip Technology MEC1632 Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 636 page
background image
MEC1632
DS00001592B-page 210
 2012-2018 Microchip Technology Inc.
11.4.5
POWER MANAGEMENT 1 CONTROL 1 (PM1_CNTRL 1)
RESERVED
Reserved bits return ‘0’ when read.
11.4.6
POWER MANAGEMENT 1 CONTROL 2 (PM1_CNTRL 2)
Note 11-6
An interrupt (PM1_CTL2) is generated to the EC when the Host writes to this register.
PWRBTNOR_EN
This bit can be set or cleared by the Host, read by the EC.
SLP_TYPx
These bits can be set or cleared by the Host, read by the EC.
SLP_EN
Refer to Table 11-9, "SLP_EN Definition"
TABLE 11-7:
POWER MANAGEMENT 1 CONTROL REGISTER 1 (PM1_CNTRL 1)
HOST OFFSET
04h
8-bit HOST SIZE
EC OFFSET
104h
EC SIZE
POWER
VTR
00h nSYS_RST
DEFAULT
BUS
LPC SPB
BYTE0 BIT
D7D6D5
D4D3
D2
D1
D0
HOST TYPE
R
R
R
RRR
RR
EC TYPE
R
R
R
RRR
RR
BIT NAME
Reserved
TABLE 11-8:
POWER MANAGEMENT 1 CONTROL REGISTER 2 (PM1_CNTRL 2)
HOST OFFSET
5h
8-bit HOST SIZE
EC OFFSET
105h
EC SIZE
POWER
VTR
00h nSYS_RST DEFAULT
BUS
LPC SPB
BYTE0 BIT
D7
D6
D5
D4
D3
D2
D1
D0
HOST TYPE
R
R
W
R/W
R/W
R/W
EC TYPE
RR
R/WC
R
R
R
BIT NAME
Reserved
SLP_
EN
SLP_TYPx
PWRBTNOR_
EN
Reserved
TABLE 11-9:
SLP_EN DEFINITION
Host / EC
R/W
Description
Host
Read
Always reads 0
Write
Writing a 0 has no effect, Writing a 1 sets this bit
EC
Read
Reads the value of the bit
Write
Writing a 0 has no effect, Writing a 1 clears this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com