Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 206 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 206 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 202Page - Microchip Technology MEC1632 Datasheet HTML 203Page - Microchip Technology MEC1632 Datasheet HTML 204Page - Microchip Technology MEC1632 Datasheet HTML 205Page - Microchip Technology MEC1632 Datasheet HTML 206Page - Microchip Technology MEC1632 Datasheet HTML 207Page - Microchip Technology MEC1632 Datasheet HTML 208Page - Microchip Technology MEC1632 Datasheet HTML 209Page - Microchip Technology MEC1632 Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 636 page
background image
MEC1632
DS00001592B-page 206
 2012-2018 Microchip Technology Inc.
11.3.3.2
Sleep Button
The sleep button has a status and an enable bit in the PM1_BLK of registers to provide an SCI upon the button press.
The status bit is software Read/Writable by the EC; the enable bit is Read-only by the EC.
The SLPBTN_ bit is set by the Host to enable the generation of an SCI due to the sleep button event. The status bit is
set by the EC when it generates a sleep button event and is cleared by the Host writing a ‘1’ to this bit (writing a ‘0’ has
no effect); it can also be cleared by the EC. If the enable bit is set, the EC will generate an SCI power management
event.
11.3.4
RTC ALARM
The ACPI specification requires that the RTC alarm generate a hardware wake-up event from the sleeping state. The
RTC alarm can be enabled as an SCI event and its status can be determined through bits in the PM1_BLK of registers.
The status bit is software Read/Writable by the EC; the enable bit is Read-only by the EC.
The RTC_ bit is set by the Host to enable the generation of an SCI due to the RTC alarm event. The status bit is set by
the EC when the RTC generates an alarm event and is cleared by the Host writing a ‘1’ to this bit (writing a ‘0’ has no
effect); it can also be cleared by the EC. If the enable bit is set, the EC will generate an SCI power management event.
11.4
Registers
Each instance of the ACPI PM1 Block Interface has its own Logical Device Number, and Base Address as indicated in
Table 11-1.
The ACPI register model consists of a number of fixed register blocks that perform designated functions. A register block
consists of a number of registers that perform Status, Enable and Control functions. The ACPI specification deals with
events (which have an associated interrupt status and enable bits, and sometimes an associated control function) and
control features. The status registers illustrate what defined function is requesting ACPI interrupt services (SCI). Any
status bit in the ACPI specification has the following attributes:
Status bits are only set through some defined hardware or EC event.
Unless otherwise noted, status bits are cleared by the system writing a “1” to that bit position, and upon nSYS_RST.
Writing a ‘0’ has no effect.
Status bits only generate interrupts while their associated bit in the enable register is set.
Function bit positions in the status register have the same bit position in the enable register (there are exceptions to this
rule, special status bits have no enables).
Note that this implies that if the respective enable bit is reset and the hardware event occurs, the respective status bit
is set; however no interrupt is generated until the enable bit is set. This allows software to test the state of the event (by
examining the status bit) without necessarily generating an interrupt. There are a special class of status bits that have
no respective enable bit, these are called out specifically, and the respective enable bit in the enable register is marked
as reserved for these special cases.
The enable registers allow the setting of the status bit to generate an interrupt (under EC control). As a general rule,
there is an enable bit in the enable register for every status bit in the status register. The control register provides special
controls for the associated event, or special control features that are not associated with an interrupt event. The order
of a register block is the status registers, followed by enable registers, followed by control registers.
The registers in the MEC1632 ACPI PM1 Block Interface occupy eight addresses in the host I/O space and are specified
as offsets from the ACPI PM1 Block base address (Table 11-1).
TABLE 11-1:
ACPI PM1 Block Interface BASE ADDRESS TABLE
ACPI PM1 Block Interface
Instance
Table 4-1 on page 59
LDN
AHB Base Address
ACPI PM1 Block Interface
6h
FF_1800h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com