Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 183 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 183 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 179Page - Microchip Technology MEC1632 Datasheet HTML 180Page - Microchip Technology MEC1632 Datasheet HTML 181Page - Microchip Technology MEC1632 Datasheet HTML 182Page - Microchip Technology MEC1632 Datasheet HTML 183Page - Microchip Technology MEC1632 Datasheet HTML 184Page - Microchip Technology MEC1632 Datasheet HTML 185Page - Microchip Technology MEC1632 Datasheet HTML 186Page - Microchip Technology MEC1632 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 183
MEC1632
9.10.7
BYTE CONTROL OS-REGISTER
BYTE_CNL_OSREG
; ALIAS=BYTE_CNL_ECREG
This register is aliased to the Byte Control EC-Register on page 189. No behavioral differences occur due to address
aliasing.
APPLICATION NOTE:
The ACPI_OS access Base Address Register (BAR) should be configured to match the
access width selected by the Four Byte Access bit in the Byte Control OS-Register. This BAR
in not described in this chapter.
9.11
EC-Only Registers
The registers listed in the EC-Only Registers Register Summary table are for a single instance of the ACPI Embedded
Controller Interface (ACPI-ECI). The addresses of each register listed in this table are defined as a relative offset to the
host “Base Address” defined in EC-Only Registers Address Range Table.
Offset
05
Bits
Description
Type
Default
Reset
Event
7:1
RESERVED
RES
-
-
0
Four Byte Access
(4BYTE_ACCESS_EN_OS;ALIASED)
When this bit is set to ‘1’, the ACPI Embedded Controller Interface
(ACPI-ECI) accesses four bytes through the ACPI-OS DATA
BYTES[3:0].
When this bit is cleared to ‘0’, the ACPI Embedded Controller
Interface (ACPI-ECI) accesses one byte through the ACPI OS Data
Register Byte 0. The corresponds to Legacy Mode described in
Section 9.8, "Description," on page 172.
Note:
This bit effects the behavior of the IBF & OBF bits in the
STATUS OS-Register.
Note:
See ACPI-OS DATA BYTES[3:0] on page 177, OS2EC
DATA BYTES[3:0] on page 184, and EC2OS DATA
BYTES[3:0] on page 186 for detailed description of
access rules.
R0b
nSYS_R
ST
TABLE 9-10:
EC-Only Registers ADDRESS RANGE TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
ACPI-EC
0
EC
Note 9-1
24-bit internal
address space
ACPI EC Channel 0 LDN 2h,
Base address FF_0800h
ACPI-EC
1
EC
Note 9-1
24-bit internal
address space
ACPI EC Channel 1 LDN 3h,
Base address FF_0C00h
ACPI-EC
2
EC
Note 9-1
24-bit internal
address space
ACPI EC Channel 2 LDN 4h,
Base address FF_1000h
ACPI-EC
3
EC
Note 9-1
24-bit internal
address space
ACPI EC Channel 3 LDN 5h,
Base address FF_1400h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com