Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 150 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 150 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 146Page - Microchip Technology MEC1632 Datasheet HTML 147Page - Microchip Technology MEC1632 Datasheet HTML 148Page - Microchip Technology MEC1632 Datasheet HTML 149Page - Microchip Technology MEC1632 Datasheet HTML 150Page - Microchip Technology MEC1632 Datasheet HTML 151Page - Microchip Technology MEC1632 Datasheet HTML 152Page - Microchip Technology MEC1632 Datasheet HTML 153Page - Microchip Technology MEC1632 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 636 page
background image
MEC1632
DS00001592B-page 150
 2012-2018 Microchip Technology Inc.
XTL_SEL
The XTL_SEL bit selects between the 32.768 KHz Crystal Oscillator and the 32.768 KHz Silicon Oscillator:
0 - The clock source for the 32KHz clock domain comes from the internal silicon oscillator (default)
1 - The clock source for the 32KHz clock domain comes from the external crystal oscillator. Note that the external crystal
must be operating before this option is selected.
XOSEL
The XOSEL bit selects whether the 32KHz crystal oscillator is driven by a single-ended input or is connected to a
32.768KHz parallel resonant crystal:
0 - A crystal resonator is connected between the XTAL1 and XTAL2 pins (default)
1 - The XTAL2 pin is used as an input for a single-ended 32 KHz clock; the XTAL1 pin must be tied to VSS.
7.10
Interrupt Interface
The Power, Clocks, and Resets Interrupt Interface inputs include the VBAT RST, FLASH and WDT status bits in the
Power-Fail and Reset Status Register.The Interrupt Interface output is PCR_INT in Table 7-4, “Power, Clocks, and
Resets Port List,” on page 96. The corresponding bit in the EC Interrupt Aggregator is bit PFR in GIRQ23 Source Reg-
ister.
Whenever any Interrupt Interface input is asserted, PCR_INT is asserted; when all Interrupt Interface inputs are not
asserted, PCR_INT is not asserted. PCR_INT may be masked as described in Section 17.0, "EC Interrupt Aggrega-
tor," on page 287.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com