Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 148 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 148 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 144Page - Microchip Technology MEC1632 Datasheet HTML 145Page - Microchip Technology MEC1632 Datasheet HTML 146Page - Microchip Technology MEC1632 Datasheet HTML 147Page - Microchip Technology MEC1632 Datasheet HTML 148Page - Microchip Technology MEC1632 Datasheet HTML 149Page - Microchip Technology MEC1632 Datasheet HTML 150Page - Microchip Technology MEC1632 Datasheet HTML 151Page - Microchip Technology MEC1632 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 636 page
background image
MEC1632
DS00001592B-page 148
 2012-2018 Microchip Technology Inc.
7.9
VBAT Powered Registers
7.9.1
POWER-FAIL AND RESET STATUS REGISTER
7.9.1.1
Overview
The Power-Fail and Reset Status Register collects and retains the VBAT RST, FLASH and WDT event status when VTR
is unpowered. Asserted events can cause interrupts as described in Section 7.10, "Interrupt Interface," on page 150.
DET32K_IN
WDT
The WDT bit is asserted (‘1’) following a Watch-Dog Timer Forced Reset as described in Section 7.7.4, "Watch-Dog
Timer Forced Reset," on page 130. To clear the WDT bit EC firmware must write a ‘1’ to this bit; writing a ‘0’ to the
WDT bit has no affect.
FLASH
The FLASH bit is set to ‘1’ by hardware when FLASH_PGM in Table 7-4, “Power, Clocks, and Resets Port List,” on
page 96 is asserted. FLASH_PGM is asserted when the Embedded Flash is placed in Program Mode or Erase
Mode. To clear the FLASH bit EC firmware must write a ‘1’ to this bit; writing a ‘0’ to the FLASH bit has no affect.
VBAT RST
The VBAT RST bit is set to ‘1’ by hardware when a VBAT_POR is detected. This is the register default value. To clear
VBAT RST EC firmware must write a ‘1’ to this bit; writing a ‘0’ to VBAT RST has no affect.
The Clock Enable Register AD_EN, 32K_EN, XTL32K_EN, XTL_SEL, and EXT32K_VBAT bits should not toggle on the
same write; i.e., only one bit should be updated at a time.
TABLE 7-58:
Power-Fail and Reset Status Register
HOST ADDRESS
N/A
N/A HOST SIZE
EC OFFSET
00h
32-bit EC SIZE
POWER
VBAT
1XX000Xb VBAT_POR
DEFAULT
BUS
EC SPB
BIT
D31
D30
D29
---
D10
D9
D8
HOST TYPE
–
–––––––
EC TYPE
RRRRR
R
RR
BIT NAME
Reserved
BIT
D7D6D5D4D3D2D1D0
HOST TYPE
–
–––––––
EC TYPE
R/WC
R/WC
R/WC
RRRRR
BIT NAME
VBAT
RST
FLASH
WDT
Reserved
DET32K_I
N
TABLE 7-59:
DET32K_IN BIT ENCODING
DET32K_IN
Description
0
No clock detected on the 32KHZ_IN pin
1
Clock is detected on the 32KHZ_IN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com