Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 149 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 149 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 145Page - Microchip Technology MEC1632 Datasheet HTML 146Page - Microchip Technology MEC1632 Datasheet HTML 147Page - Microchip Technology MEC1632 Datasheet HTML 148Page - Microchip Technology MEC1632 Datasheet HTML 149Page - Microchip Technology MEC1632 Datasheet HTML 150Page - Microchip Technology MEC1632 Datasheet HTML 151Page - Microchip Technology MEC1632 Datasheet HTML 152Page - Microchip Technology MEC1632 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 149
MEC1632
7.9.2
CLOCK ENABLE REGISTER
7.9.2.1
Overview
The Clock Enable register controls the 32KHz oscillators.
EXT32K_VBAT
EXT32K_VBAT selects between a VTR powered, or VBAT powered external 32KHz clock input on the 32KHZ_IN pin:
0 - The external 32KHz clock input is VTR powered (default)
1 - The external 32KHz clock input is VBAT powered
32K_EN
The 32K_EN bit controls the 32.768 KHz Silicon Oscillator
0 - The internal 32KHz silicon oscillator is off (default)
Note 7-53
MCLK must not stop before 40
s min after the 32K_EN bit is asserted.
AD_EN
The Activity Detector bit AD_EN controls 32 KHz Clock Domain Switching as described in Table 7-9.
XTL32K_EN
The XTL32K_EN bit controls the 32.768 KHz Crystal Oscillator
0 - The 32KHz crystal oscillator is off (default)
1 - The 32KHz crystal oscillator is on
TABLE 7-60:
Clock Enable Register
HOST
ADDRESS
N/A
N/A HOST SIZE
EC OFFSET
04h
8-bit EC SIZE
POWER
VBAT
00h VBAT_POR DEFAULT
N/A nSYS_RST DEFAULT
BUS
EC SPB
BIT
D31
D30
D29
---
D10
D9
D8
HOST TYPE
–
–
–––
–
–
–
EC TYPE
RRR
R
R
R
RR
BIT NAME
Reserved
BIT
D7
D6
D5
D4
D3
D2
D1
D0
HOST TYPE
––
–––
––
–
EC TYPE
RR
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Reserved
XOSEL
XTL_SEL
XTL32K_
EN
AD_EN
32K_EN
EXT32K_V
BAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com