Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 138 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 138 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 134Page - Microchip Technology MEC1632 Datasheet HTML 135Page - Microchip Technology MEC1632 Datasheet HTML 136Page - Microchip Technology MEC1632 Datasheet HTML 137Page - Microchip Technology MEC1632 Datasheet HTML 138Page - Microchip Technology MEC1632 Datasheet HTML 139Page - Microchip Technology MEC1632 Datasheet HTML 140Page - Microchip Technology MEC1632 Datasheet HTML 141Page - Microchip Technology MEC1632 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 636 page
background image
MEC1632
DS00001592B-page 138
 2012-2018 Microchip Technology Inc.
TABLE 7-46:
EC BLOCKS SLEEP ENABLES REGISTER 2
HOST
ADDRESS
N/A
N/A HOST SIZE
EC OFFSET
30h
32-bit EC SIZE
POWER
VTR
0000_0000h nSYS_RST DEFAULT
EC SPB
BIT
D31
D30
D28
D28
D27
D26
D25
D24
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
R
R
R
R
R/W
R/W
R/W
R/W
BIT NAME
Reserved
SMB3
Rsrvd
TACH5
TACH4
BIT
D23
D22
D21
D20
D19
D18
D17
D16
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
PWM15
PWM14
PWM13
PWM12
PWM11
PWM10
PWM9
PWM8
BIT
D15
D14
D13
D12
D11
D10
D9
D8
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
LED2
LED1
LED0
CEC
Rsrvd
KSC
PECI
ADC
BIT
D7
D6
D5D4D3
D2
D1
D0
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
DMA
CCT
SMB2
TACH3
PWM7
PWM6
PWM5
PWM4
TABLE 7-47:
EC BLOCKS SLEEP ENABLES/CLOCK REQUIRED REGISTERS BIT NAMES
Bit Name
Block Name (
Note 7-50)
Block Cross Reference
C/T0
16-Bit Counter/Timer 0
Section 20.0, "16-Bit Timer Interface," on page 351
C/T1
16-Bit Counter/Timer 1
C/T2
16-Bit Counter/Timer 2
C/T3
16-Bit Counter/Timer 3
RC_ID
RC ID Interface
Section 32.0, "RC Identification Detection (RC_ID),"
on page 466
TFDP
TFDP Interface
Section 41.0, "Trace FIFO Debug Port (TFDP)," on
page 562
TACH0
Tachometer 0
Section 30.0, "TACH Monitor," on page 451
TACH1
Tachometer 1
TACH2
Tachometer 2
TACH3
Tachometer 3
TACH4
Tachometer 4
TACH5
Tachometer 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com