Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 121 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 121 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 117Page - Microchip Technology MEC1632 Datasheet HTML 118Page - Microchip Technology MEC1632 Datasheet HTML 119Page - Microchip Technology MEC1632 Datasheet HTML 120Page - Microchip Technology MEC1632 Datasheet HTML 121Page - Microchip Technology MEC1632 Datasheet HTML 122Page - Microchip Technology MEC1632 Datasheet HTML 123Page - Microchip Technology MEC1632 Datasheet HTML 124Page - Microchip Technology MEC1632 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 121
MEC1632
The Host Clock Domain output as shown in Table 7-20 is MCLK_DIV20_EN_HST.
7.4.12
32K CLOCK DOMAIN
7.4.12.1
Overview
The 32K Clock Domain represents all of the clocking derived from the 32.768 KHz Silicon Oscillator, the 32.768 KHz
Crystal Oscillator or the external single-ended 32KHz clock input. The output 32.768 KHz clock source is synchronized
to the 20 MHz Oscillator as described below in Section 7.4.12.2, "Synchronization".
The 32K Clock Domain remains active as long as the selected 32.768 KHz clock source is running (see "32K_EN," on
page 149). The blocks driven by the 32K Clock Domain are summarized in Table 7-21 and are not affected by Clock
Gating in the Power Management Interface. Typically, blocks driven by the 32K Clock Domain can generate wake
events, even when the 20 MHz Oscillator is disabled.
7.4.12.2
Synchronization
The 32K Clock Domain X32K_CLK output is synchronized to the 20 MHz Oscillator. Synchronization is disabled under
two conditions: 1) when the 20 MHz Oscillator is disabled (e.g., in the SYSTEM DEEPEST SLEEP state or during a test
mode) and 2) when VTRGD is not asserted (see Section 7.6.4, "VTRGD," on page 126).
7.4.12.3
Summary
The distribution of the 32K Clock Domain throughout the MEC1632 is illustrated in Table 7-21, below.
Note 7-33
Synchronization as described in Section 7.4.12.2 does not apply to the output of the 32.768 KHz
Silicon Oscillator that is applied to the 20 MHz Oscillator.
7.5
Power Configuration
7.5.1
POWER SUPPLIES AND CLOCKS ACPI CONTEXT
The MEC1632 is influenced by three separate power planes, VBAT, VTR, and VCC, as described in Table 6.15.The
VBAT and VTR power planes provide power directly to the MEC1632 through the VBAT and VTR pins shown in Table 7-
4, "Power, Clocks, and Resets Port List". The MEC1632 senses the VCC power state using the VCC_PWRGD input
pin. The VBAT, VTR, and VCC power sequencing requirements are as follows (see also Section 7.5.3, "Power-Up
Sequence," on page 124):
1.
VCC power can be applied simultaneously with or after VTR power.
2.
VTR power can be applied simultaneously with or after VBAT.
The typical relationships of the MEC1632 power supplies to the system power states is shown below in
Table 6.15. The distribution of the MEC1632 power supplies to the various functional blocks is illustrated in FIGURE
2-1: MEC1632 Top-level Block Diagram on page 8.
The typical relationships of the MEC1632 clocks to the system power states is shown below in
Table 6.16. Descriptions of the various clock domains can be found in Section 7.4, "Clock Generator," on page 98.
TABLE 7-21:
32K Clock Domain DRIVEN BLOCKS
Block Name
Block Cross Reference
Week Timer
Section 22.0, "Week Alarm Interface," on page 370
Watch-Dog Timer
Section 18.0, "Watchdog Timer Interface," on page 330
Hibernation Timer 0
Section 21.0, "Hibernation Timer," on page 366
Hibernation Timer 1
LED Interface
Section 36.0, "Blinking/Breathing PWM," on page 510
Watch-Dog Timer Forced Reset
Section 7.7.4, "Watch-Dog Timer Forced Reset," on page 130
20 MHz Oscillator
Section 7.4.3, "20 MHz Oscillator," on page 100 (Note 7-33).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com