Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 116 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 116 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 112Page - Microchip Technology MEC1632 Datasheet HTML 113Page - Microchip Technology MEC1632 Datasheet HTML 114Page - Microchip Technology MEC1632 Datasheet HTML 115Page - Microchip Technology MEC1632 Datasheet HTML 116Page - Microchip Technology MEC1632 Datasheet HTML 117Page - Microchip Technology MEC1632 Datasheet HTML 118Page - Microchip Technology MEC1632 Datasheet HTML 119Page - Microchip Technology MEC1632 Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 636 page
background image
MEC1632
DS00001592B-page 116
 2012-2018 Microchip Technology Inc.
Note 7-29
see the system state definitions in Section 7.4.10.2, "EC Controlled Dynamic Power States," on
page 112.
Note 7-30
SLEEP_STATE affects the 20 MHz Oscillator as described in Section 7.4.10.4, "20 MHz Oscillator
Control," on page 114 and appears in Table 7-4, “Power, Clocks, and Resets Port List,” on page 96.
TABLE 7-17:
EC Power State Controls DESCRIPTION
ARC_CLK_DI
SABLE
(
Note 7-21)
SLEEP_FLAG
(
Note 7-20)
SLEEP_STATE
(
Note 7-30)
Status
(
Note 7-29)
Description
00
0
FULL POWER
–
01
0
PREPARING SYS-
TEM SLEEP
SLEEP_FLAG has been asserted by
the EC which asserts sleep enables to
blocks that have been enabled for
sleeping; i.e., clocks in these blocks
are turning ‘off’ in this state. The EC
and the 20 MHz Oscillator clock remain
active. The PREPARING SYSTEM
SLEEP state may represent a lower
than FULL POWER system power
consumption state.
10
0
EC SLEEP
The Clock Generator is unaffected in
the EC SLEEP state. The EC SLEEP
state may or may not represent a lower
system power state than the PREPAR-
ING SYSTEM SLEEP state depending
on the Block Sleep Enables and the
system operational state.
11
1
SYSTEM LIGHT
SLEEP, SYSTEM
HEAVY SLEEP 1,
SYSTEM HEAVY
SLEEP 2, SYSTEM
HEAVY SLEEP 3,
SYSTEM DEEPEST
SLEEP
The 20 MHz Oscillator may be stopped
as described in Section 7.4.10.4, "20
MHz Oscillator Control," on page 114.
FIGURE 7-14:
EC Power State Controls TIMING
SLEEP_STATE
SLEEP_FLAG
ARC_CLK_DISABLE
tSLP-SETUP
WAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com