Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 108 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 108 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 104Page - Microchip Technology MEC1632 Datasheet HTML 105Page - Microchip Technology MEC1632 Datasheet HTML 106Page - Microchip Technology MEC1632 Datasheet HTML 107Page - Microchip Technology MEC1632 Datasheet HTML 108Page - Microchip Technology MEC1632 Datasheet HTML 109Page - Microchip Technology MEC1632 Datasheet HTML 110Page - Microchip Technology MEC1632 Datasheet HTML 111Page - Microchip Technology MEC1632 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 636 page
background image
MEC1632
DS00001592B-page 108
 2012-2018 Microchip Technology Inc.
7.4.9
MASTER CLOCK TREES
7.4.9.1
Description
The master clock derived from the 20 MHz Oscillator is branched into six internal clock trees in the MEC1632. These
Master Clock Trees are controlled by register bits in the Clock Tree Control 0 Register and Clock Tree Control 1 Register
and function as defined in Section 7.4.9.4, "Control Bit Encoding," on page 110 and Section 7.4.9.2, "Dynamic Clock
Tree Gating," on page 108.The Block Allocation Per Clock Tree is defined in Section 7.4.9.3.
Each master clock tree can be forced ‘on,’ forced ‘off,’ or dynamically controlled by hardware to help minimize power
consumption throughout the EC Controlled Dynamic Power States. See also Section 7.4.10.3, "Clock tree Gating in
Heavy Sleep," on page 114.
7.4.9.2
Dynamic Clock Tree Gating
7.4.9.2.1
Overview
Dynamic Clock Tree Gating specifies that a master clock tree is ‘on’ if any one of the blocks allocated to that tree requires
a clock, or if a bus master is accessing registers in that tree. Clock trees are ‘off’ when the bits in the Clock Required
Status Registers that are associated with the blocks in a tree are not asserted and a bus master is not accessing regis-
ters in the tree.
FIGURE 7-11:
Generic Block Clocking Model CLOCK GATING STATE DIAGRAM EXAMPLE
RUNNING STATE
(CLK_REQ = ‘1’)
SLEEPING STATE
(CLK_REQ = ‘0’)
PREPARING TO
SLEEP STATE
(CLK_REQ = ‘1’)
DISABLED STATE
(CLK_REQ = ‘0’)
RESET
INTERNAL_ENABLE=’1'
INTERNAL_ENABLE=‘0’
EXTERNAL_SLEEP_INPUT=’0'
INTERNAL_ENABLE=’0'
EXTERNAL_SLEEP_INPUT=’1'
EXTERNAL_SLEEP_INPUT=’0'
IDLE=’0'
IDLE=’1'
EXTERNAL_SLEEP_INPUT=’0'
EXTERNAL_SLEEP_INPUT=’1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com