Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 97Page - NXP Semiconductors RT600 Datasheet HTML 98Page - NXP Semiconductors RT600 Datasheet HTML 99Page - NXP Semiconductors RT600 Datasheet HTML 100Page - NXP Semiconductors RT600 Datasheet HTML 101Page - NXP Semiconductors RT600 Datasheet HTML 102Page - NXP Semiconductors RT600 Datasheet HTML 103Page - NXP Semiconductors RT600 Datasheet HTML 104Page - NXP Semiconductors RT600 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
101 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
[1] Based on the power API library from the SDK software package available on nxp.com.
[2] Typical ratings are not guaranteed. Typical values listed are at room temperature (25 C). VDD_AO1V8 = VDD1V8 = VDDIO_0/1/2 =
VDDA_ADC1V8 = 1.8 V. VDDA_BIAS = VREFP = 1.8 V. USB1_VDD3V3 = 3.3 V
[3] Clock source IRC. PLL disabled.
[4] Characterized through bench measurements using typical samples.
[5] Compiler settings: Keil Compiler for Arm ver 5.28, optimization level 3
[6] For SDK version 2.8 and before (SDK Power Library version = 0x020200): The maximum frequency for the specified VDDCORE
voltage is the frequency of the main clock. This is before the CPU CLOCK Divider. The VDDCORE voltage has to be set according to
the chosen main clock frequency. For SDK version 2.8.3 and after (SDK Power Library version = 0x02030): The maximum frequency for
the specified VDDCORE voltage is the frequency of the clock after CPU CLOCK and DSP clock Divider. The VDDCORE voltage has to
be set according to the chosen M33 CPU and DSP CPU clock frequency. Please see Figure 6 “RT600 clock generation”.
[7] 4.5 MB SRAM enabled. All peripheral clocks disabled (set to NONE). All Array Power enabled (PDRUNCFG 1/2 registers). Only SRAM
partition 12 access enabled (SYSCTL0_AHB_SRAM_ACCESS_DISABLE register). SYSCPUAHBCLKDIV = 0x0.
[8] Clock source external clock to XTALIN (bypass mode). PLL enabled.
CCLK = 110 MHz
VDDCORE = 0.8 V
[6][7][8]
-
27
-
mA
CCLK = 144 MHz
VDDCORE = 0.8 V
[6][7][8]
-
34
-
mA
CCLK = 180 MHz
VDDCORE = 0.8 V
[6][7][8]
-
42
-
mA
CCLK = 204 MHz
VDDCORE = 0.8 V
[6][7][8]
-
47
-
mA
CCLK = 240 MHz
VDDCORE = 0.9 V
[6][7][8]
-
63
-
mA
CCLK = 270 MHz
VDDCORE = 0.9 V
[6][7][8]
-
71
-
mA
CCLK = 300 MHz
VDDCORE = 0.9 V
[6][7][8]
-
78
-
mA
CCLK = 400 MHz
VDDCORE = 1.0 V
[6][7][8]
-
117
-
mA
CCLK = 600 MHz
VDDCORE = 1.13 V
[6][7][8]
-
207
-
mA
Table 26. Static characteristics: Power consumption in active mode …continued
Tamb = -20C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[2][4][5] Max
Unit
Table 27. Static characteristics: Power consumption in sleep mode
Tamb = -20 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
Cortex-M33 in Sleep mode, DSP no clock
IDDVDDCORE VDDCORE supply current
CCLK = 12 MHz
VDDCORE = 0.7 V [1][2][3][4][5][6] -
3
-
mA
CCLK = 48 MHz
VDDCORE = 0.7 V [1][2][3][4][5][6] -
4
-
mA
CCLK = 250 MHz
VDDCORE = 1.0 V
[1][2][3][4][5][7] -
20.3
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com