Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 98Page - NXP Semiconductors RT600 Datasheet HTML 99Page - NXP Semiconductors RT600 Datasheet HTML 100Page - NXP Semiconductors RT600 Datasheet HTML 101Page - NXP Semiconductors RT600 Datasheet HTML 102Page - NXP Semiconductors RT600 Datasheet HTML 103Page - NXP Semiconductors RT600 Datasheet HTML 104Page - NXP Semiconductors RT600 Datasheet HTML 105Page - NXP Semiconductors RT600 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
102 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
[1] Based on the power API library from the SDK software package available on nxp.com.
[2] Typical ratings are not guaranteed. Typical values listed are at room temperature (25 C). VDD_AO1V8 = VDD1V8 = VDDIO_0/1/2 =
VDDA_ADC1V8 = 1.8 V. VDDA_ADC3V3 = VREFP = USB1_VDD3V3 = 3.3 V
[3] Clock source IRC. PLL disabled.
[4] Characterized through bench measurements using typical samples.
[5] Compiler settings: IAR C/C++ Compiler for Arm ver 8.32.3, optimization level 0, optimized for time off.
[6] All peripheral clocks disabled.
[7] Clock source IRC. PLL enabled.
[1] Typical ratings are not guaranteed. Typical values listed are at room temperature (25 C), All power supplies to = 1.8 V except
USB1_VDD3V3 = 3.3 v
[2] Characterized through bench measurements using typical samples.
[3] Guaranteed by characterization, not tested in production.
[4] In deep-sleep mode, the VDDCORE voltage is set to 0.7V.
Table 28. Static characteristics: Power consumption in deep-sleep mode[4]
Tamb = -20 C to +85C, unless otherwise specified,
Symbol
Parameter
Conditions
Min Typ[1][2] Max[3] Unit
IVDD1V8
supply current
Deep-sleep mode; SRAM (128 KB) powered,
Internal LDO enabled. Array On, Periphery Off
-
109
-
A
IVDD1V8_1
supply current
Deep-sleep mode; SRAM (128 KB) powered,
Internal LDO enabled. Array On, Periphery Off
-
65
-
A
IVDDCORE
supply current
Deep-sleep mode; SRAM (32 KB) powered,
Internal LDO disabled. Array On, Periphery Off
Tamb = 25 C
-
75
-
A
IVDDCORE
supply current
Deep-sleep mode; SRAM (128 KB) powered,
Internal LDO disabled. Array On, Periphery Off
Tamb = 25 C
-
77
-
A
IVDDCORE
supply current
Deep-sleep mode; SRAM (4.5 MB) powered,
Internal LDO disabled. Array On, Periphery Off
Tamb = 25 C
-
190
-
A
IVDD_AO1V8
supply current
Deep-sleep mode; SRAM (128 KB) powered,
Internal LDO enabled. Array On, Periphery Off
-
0.6
-
A
IVDDIO_0
supply current
Deep-sleep mode; SRAM (128 KB) powered,
Internal LDO enabled. Array On, Periphery Off
-
7.0
-
A
IVDDIO_1
supply current
Deep-sleep mode; SRAM (128 KB) powered,
Internal LDO enabled. Array On, Periphery Off
-
0.9
-
A
IVDDIO_2
supply current
Deep-sleep mode; SRAM (128 KB) powered,
Internal LDO enabled. Array On, Periphery Off
-
6.4
-
A
IVDDA_ADC1V8 supply current
Deep-sleep mode; SRAM (128 KB) powered,
Internal LDO enabled. Array On, Periphery Off
-
0.1
-
A
IVDDA_BIAS
supply current
Deep-sleep mode; SRAM (128 KB) powered,
Internal LDO enabled. Array On, Periphery Off
-
0.1
-
A
IVREFP
supply current
Deep-sleep mode; SRAM (128 KB) powered,
Internal LDO enabled. Array On, Periphery Off
-
0.1
-
A
IUSB1_VDD3V3 supply current
Deep-sleep mode; SRAM (128 KB) powered,
Internal LDO enabled. Array On, Periphery Off
-
0.1
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com