Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 32Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 33Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 34Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 35Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 36Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 37Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 38Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 39Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 36
VCC1 = VCC2 = 5V
Table 5.11 Electrical Characteristics (1)
Symbol
VOH
VOH
HIGH output voltage
VOH
VOL
LOW output
voltage
LOW output
voltage
VOL
VOL
HIGH output
voltage
HIGH output
voltage
Standard
Typ.
Unit
Measuring condition
V
V
V
XOUT
V
2.0
0.45
V
V
XOUT
2.0
2.0
Min.Max.
VCC2-2.0
Parameter
IOH=-5mA (2)
IOH=-1mA
IOH=-200
µA (2)
IOH=-0.5mA
IOL=5mA (2)
IOL=1mA
IOL=200
µA (2)
IOL=0.5mA
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4, P8_6, P8_7,
HIGHPOWER
LOWPOWER
HIGHPOWER
LOWPOWER
HIGHPOWER
LOWPOWER
HIGH output voltage
XCOUT
With no load applied
With no load applied
2.5
1.6
V
Hysteresis
Hysteresis
HIGH input
current
IIH
LOW input
current
IIL
VRAM
RAM retention voltage
VT+-VT-
VT+-VT-
SDA0 TO SDA2, CLK0 to CLK4,TA0OUT to TA4OUT,
0.21.0
V
0.2
2.5
V
5.0
µA
µA
At stop mode2.0V
RESET
HOLD, RDY, TA0IN to TA4IN,
ADTRG, CTS0 to CTS2, SCL0 to SCL2,
VI=5V
VI=0V
-5.0
RfXIN
RfXCIN
Feedback resistanceXIN
Feedback resistance
XCIN
15
1.5
M
Ω
M
Ω
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7, P10_0 to P10_7, P11_0 to P11_7,
P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1,
XIN, RESET, CNVSS, BYTE
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7, P10_0 to P10_7, P11_0 to P11_7,
P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1,
XIN, RESET, CNVSS, BYTE
RPULLUP
Pull-up
resistance
50k
Ω
TB0IN to TB5IN, INT0 to INT5, NMI,
V
XCOUT
0
0
With no load applied
With no load applied
HIGHPOWER
LOWPOWER
VI=0V
30170
KI0 to KI3, RXD0 to RXD2, SIN3, SIN4
P4_0 to P4_7, P5_0 to P5_7, P12_0 to P12_7, P13_0 to P13_7
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
VCC2-0.3
VCC1-2.0
VCC1-2.0
NOTES:
1. Referenced to VCC1=VCC2=4.2 to 5.5V, VSS=0V at Topr = -20 to 85
°C / -40 to 85 °C, f(BCLK)=24MHz unless otherwise specified.
2. Where the product is used at VCC1 = 5 V and VCC2 = 3 V, refer to the 3 V version value for the pin specified value on the VCC2 port side.
3. There is no external connections for port P1_0 to P1_7, P4_4 to P4_7, P7_2 to P7_5 and P9_1 in 80-pin version.
VCC2
VCC2
P9_0 to P9_7, P10_0 to P10_7, P11_0 to P11_7, P14_0, P14_1
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
IOH=-5mA
IOH=-200
µA
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4, P8_6, P8_7,
P4_0 to P4_7, P5_0 to P5_7, P12_0 to P12_7, P13_0 to P13_7
P9_0 to P9_7, P10_0 to P10_7, P11_0 to P11_7, P14_0, P14_1
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
VCC1-2.0
VCC1-0.3
VCC1
VCC1
VCC1
VCC1
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6, P8_7,
P4_0 to P4_7, P5_0 to P5_7, P12_0 to P12_7, P13_0 to P13_7
P9_0 to P9_7, P10_0 to P10_7, P11_0 to P11_7, P14_0, P14_1
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6, P8_7,
P4_0 to P4_7, P5_0 to P5_7, P12_0 to P12_7, P13_0 to P13_7
P9_0 to P9_7, P10_0 to P10_7, P11_0 to P11_7, P14_0, P14_1
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
IOL=5mA
IOL=200
µA
2.0
0.45
LOW output voltage
LOW output voltage
Hysteresis
VT+-VT-
XIN
0.2
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com