Electronic Components Datasheet Search
  English  ▼

X  

M30624FGPFP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M30624FGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGPFP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M30624FGPFP Datasheet HTML 8Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 9Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 10Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 11Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 12Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 13Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 14Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 15Page - Renesas Technology Corp M30624FGPFP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 12
1.5 Pin Configuration
Figures 1.5 to 1.8 show the pin configurations (top view).
Package: 128P6Q-A
Figure 1.5 Pin Configuration (Top View)
PIN CONFIGURATION (top view)
NOTES:
1. P7_0 and P7_1 are N channel open-drain output pins.
1
2 3
4 5
6
7
8
9 10111213141516171819 2021 22 2324252627282930
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
104
105
106
107
108
31 32 33 34 35 36 37
66
67
68
69
70
71
72
38
65
64
103
P0_0/AN0_0/D0
P0_1/AN0_1/D1
P0_2/AN0_2/D2
P0_3/AN0_3/D3
P0_4/AN0_4/D4
P0_5/AN0_5/D5
P0_6/AN0_6/D6
P0_7/AN0_7/D7
P1_0/D8
AVSS
P5_6/ALE
P5_5/HOLD
P5_4/HLDA
P5_3/BCLK
P5_2/RD
P5_7/RDY/CLKOUT
P6_3/TXD0/SDA0
P6_5/CLK1
P6_1/CLK0
P6_2/RXD0/SCL0
P10_0/AN0
P10_1/AN1
P10_2/AN2
P10_3/AN3
P6_0/CTS0/RTS0
P6_4/CTS1/RTS1/CTS0/CLKS1
P5_0/WRL/WR
P5_1/WRH/BHE
P10_7/AN7/KI3
P10_6/AN6/KI2
P10_5/AN5/KI1
P10_4/AN4/KI0
P13_7
P13_6
P13_5
P13_4
P11_3
P11_2
P11_1
P11_0
VSS
P13_0
P13_1
P13_2
P13_3
P12_5
P12_6
P12_7
P11_4
P11_5
P11_6
P11_7
M16C/62 Group (M16C/62P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com